Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1015L Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPD1015L
Description  65W, 50V, DC ??3.7 GHz, GaN RF Transistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1015L Datasheet(HTML) 4 Page - Qorvo, Inc

  QPD1015L Datasheet HTML 1Page - Qorvo, Inc QPD1015L Datasheet HTML 2Page - Qorvo, Inc QPD1015L Datasheet HTML 3Page - Qorvo, Inc QPD1015L Datasheet HTML 4Page - Qorvo, Inc QPD1015L Datasheet HTML 5Page - Qorvo, Inc QPD1015L Datasheet HTML 6Page - Qorvo, Inc QPD1015L Datasheet HTML 7Page - Qorvo, Inc QPD1015L Datasheet HTML 8Page - Qorvo, Inc QPD1015L Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
QPD1015L
65W, 50V, DC – 3.7 GHz, GaN RF Transistor
Rev. C
- 4 of 27 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Median Lifetime1
1 For pulsed signals, average lifetime is average lifetime at maximum channel temperature divided by duty cycle.
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
1.00E+10
1.00E+11
1.00E+12
1.00E+13
1.00E+14
1.00E+15
1.00E+16
1.00E+17
1.00E+18
1.00E+19
25
50
75
100
125
150
175
200
225
250
275
Channel Temperature, T
CH (°C)
Median Lifetime vs. Channel Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com