Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UG2F
Description  Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG2F Datasheet(HTML) 2 Page - Vishay Siliconix

  UG2F Datasheet HTML 1Page - Vishay Siliconix UG2F Datasheet HTML 2Page - Vishay Siliconix UG2F Datasheet HTML 3Page - Vishay Siliconix UG2F Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UG2F, UG2G
www.vishay.com
Vishay General Semiconductor
End of Life - October 2021
Revision: 05-May-2021
2
Document Number: 88995
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance junction to lead PCB mounted 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curves
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG2F
UG2G
UNIT
Typical thermal resistance
RθJA
(1)
45
°C/W
RθJL
(1)
14
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UG2G-E3/54
0.404
54
4000
13" diameter paper tape and reel
UG2G-E3/73
0.404
73
2000
Ammo pack packaging
0
3.0
80
90
100
110
120
130
140
150
2.0
1.0
Lead Temperature (°C)
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
T
L Lead Temperature
0
0.4
0.8
1.2
1.6
2.0
2.4
0
0.4
0.8
1.2
1.6
2.0
2.4
Average Forward Current (A)
D = t
p/T
t
p
T
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
0
10
20
30
40
50
60
1
100
10
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
0.01
0.1
1
10
100
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Instantaneous Forward Voltage (V)
T
J = 125 °C
T
J = 25 °C
T
J = 50 °C
T
J = 70 °C
T
J = 100 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com