Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGE5HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGE5HT
Description  High Voltage Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGE5HT Datasheet(HTML) 2 Page - Vishay Siliconix

  UGE5HT Datasheet HTML 1Page - Vishay Siliconix UGE5HT Datasheet HTML 2Page - Vishay Siliconix UGE5HT Datasheet HTML 3Page - Vishay Siliconix UGE5HT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UGE5HT, UGE5JT
www.vishay.com
Vishay General Semiconductor
Revision: 23-Feb-16
2
Document Number: 87721
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Max. Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
UGE5HT
UGE5JT
UNIT
Max. instantaneous forward voltage
IF = 5 A
TJ = 25 °C
VF
1.75
V
TJ = 125 °C
1.50
Max. DC reverse current at VRWM
TJ = 25 °C
IR
30
μA
TJ = 100 °C
800
TJ = 125 °C
4.0
mA
Max. reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
25
ns
IF = 1.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 0.1 IRM
50
Typical softness factor (tb/ta)
IF = 5.0 A, dI/dt = 240 A/μs,
VR = 400 V, Irr = 0.1 IRM
S
0.9
-
Max. reverse recovery current
IF = 5.0 A, dI/dt = 40 A/μs,
VR = 400 V, TC = 125 °C
IRM
3.0
A
IF = 5.0 A, dI/dt = 240 A/μs,
VR = 400 V, TC = 125 °C
9.0
Peak forward recovery time
IF = 5.0 A, dI/dt = 64 A/μs,
VF = 1.1VF max.
trr
500
ns
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UGE5HT
UGE5JT
UNIT
Typical thermal resistance from junction to case
R JC (1)
3.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
UGE5JT-E3/45
1.80
45
50/tube
Tube
0
6
7
8
5
3
4
1
2
25
50
0
75
100
125
150
175
Case Temperature (°C)
UGE
20
40
60
80
0
100
1
100
10
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com