Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLG8C7 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLLG8C7
Description  Cylindrical High-Intensity Green LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLLG8C7 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLLG8C7 Datasheet HTML 1Page - OPTEK Technologies OVLLG8C7 Datasheet HTML 2Page - OPTEK Technologies OVLLG8C7 Datasheet HTML 3Page - OPTEK Technologies OVLLG8C7 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
INotes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous intensity ranks, please contact OPTEK.
3.
Pb content <1000 PPM.
Cylindrical High-Intensity Green LED (5 mm)
OVLLG8C7
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Standard Bins (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLLG8C7 may be filled with any or all bins contained as below.
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
20 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
50 mA
Power Dissipation
80 mW
Lead Soldering Temperature (4mm from the base of the epoxy bulb)1
260°C
LED Junction Temperature
125°C
Current Linearity vs. Ambient Temperature
-0.2 mA/°C
Note:
1.
Solder time less than 5 seconds at temperature extreme.
Luminous intensity is
at 0P bin or above.
519
523
527
531
F5
F6
F7
810–1135
0R
580–810
0Q
415–580
0P
Electrical Characteristics
TA = 25o C unless otherwise noted
Dominant Wavelength (nm)
Rank
H
J
K
L
Voltage (V)
2.6–3.0
3.0–3.3
3.3–3.6
3.6–4.0
Forward Voltage (VF)
Beam Pattern
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
415
670
----
mcd
IF = 20 mA
VF
Forward Voltage
----
3.4
4.0
V
IF = 20 mA
IR
Reverse Current
----
----
50
µA
VR = 5 V
P
Peak Wavelength
----
521
----
nm
IF = 20 mA
D
Dominant Wavelength
----
525
----
nm
IF = 20 mA
2 ½H-H
50% Power Angle
----
85
----
deg
IF = 20 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com