Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLY8C7 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLLY8C7
Description  Cylindrical High-Intensity Yellow LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLLY8C7 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLLY8C7 Datasheet HTML 1Page - OPTEK Technologies OVLLY8C7 Datasheet HTML 2Page - OPTEK Technologies OVLLY8C7 Datasheet HTML 3Page - OPTEK Technologies OVLLY8C7 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Standard Bins (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLLY8C7 may be filled with any or all bins contained as below.
Cylindrical High-Intensity Yellow LED (5 mm)
OVLLY8C7
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
78 mW
Lead Soldering Temperature (4mm from the base of the epoxy bulb)1
260°C
LED Junction Temperature
125°C
Current Linearity vs. Ambient Temperature
-0.5 mA/°C
Note:
1.
Solder time less than 5 seconds at temperature extreme.
Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous intensity ranks, please contact OPTEK.
3.
Pb content <1000 PPM.
Dominant Wavelength (nm
)
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
470
650
----
mcd
IF = 20 mA
VF
Forward Voltage
----
2.2
2.6
V
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
P
Peak Wavelength
----
593
----
nm
IF = 20 mA
D
Dominant Wavelength
----
589
----
nm
IF = 20 mA
2 ½H-H
50% Power Angle
----
85
----
deg
IF = 20 mA
Beam Pattern
Rank
G
H
J
6
Voltage
1.8–2.0
2.0–2.2
2.2–2.4
2.4–2.6
Forward Voltage (VF)
920–1285
6R
660–920
6Q
470–660
6P Luminous intensity is at
P bin or above.
Y5
Y4
Y3
585
589
592
595



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com