Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL41B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GL41B
Description  Surface Mount Glass Passivated Junction Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GL41B Datasheet(HTML) 2 Page - Vishay Siliconix

  GL41B Datasheet HTML 1Page - Vishay Siliconix GL41B Datasheet HTML 2Page - Vishay Siliconix GL41B Datasheet HTML 3Page - Vishay Siliconix GL41B Datasheet HTML 4Page - Vishay Siliconix GL41B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BYM10-50 thru BYM10-1000, GL41A thru GL41Y
www.vishay.com
Vishay General Semiconductor
Revision: 30-Jan-13
2
Document Number: 88546
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Maximum
instantaneous
forward voltage
1.0 A
VF
1.1
1.2
V
Maximum DC
reverse current
at rated DC
blocking
voltage
TA = 25 °C
IR
10
μA
TA = 125 °C
50
Typical junction
capacitance
4.0 V, 1 MHz
CJ
8.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
10-50
BYM
10-100
BYM
10-200
BYM
10-400
BYM
10-600
BYM
10-800
BYM
10-1000
UNIT
GL41A
GL41B
GL41D
GL41G
GL41J
GL41K
GL41M
GL41T
GL41Y
Typical thermal resistance
RJA (1)
75
°C/W
RJT (2)
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BYM10-600-E3/96
0.114
96
1500
7" diameter plastic tape and reel
BYM10-600-E3/97
0.114
97
5000
13" diameter plastic tape and reel
GL41J-E3/96
0.114
96
1500
7" diameter plastic tape and reel
GL41J-E3/97
0.114
97
5000
13" diameter plastic tape and reel
BYM10-600HE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
BYM10-600HE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
GL41JHE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
GL41JHE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com