Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCC0KLU Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC0KLU
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0KLU Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC0KLU Datasheet HTML 1Page - Balluff Korea Ltd. BCC0KLU Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC M415-0000-1A-012-PX6234-050
Order Code: BCC0KLU
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 265928
ETIM 6.0: EC001855
BCC0KLU_0.54_2022-06-18
1 / 2
Basic features
Approval/Conformity
CE
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
3 x D
Bending radius min., flexible cable
10 x D
Cable
PUR Blue, 5 m
Cable diameter D
4.50 mm ±0.20 mm
Conductor cross-section
0.34 mm²
Connection
M12x1-Female, Straight, 5-pin, A-
coded
Connector configuration
Straight
Number of conductors
2
Number of pins
5
System
Molded
Electrical data
Line capacitance
105 pF/m
Line inductance
1 mH/km
Operating voltage Ub
250 VDC / 250 VAC
Rated current (40 °C)
4.0 A
Environmental conditions
Cable temperature, fixed routing
-25...80 °C
Cable temperature, flexible routing
-5...80 °C
IP rating
IP67, IP68, IP69K
Material
Cable jacket, material
PUR
Material contact carrier
PUR
Material contacts
Bronze
Material cover nut
Die-cast zinc
Material grip
PUR
Mechanical data
Cable jacket, color
Blue
Cable length L
5.00 m
Tightening torque pigtail
0.6 Nm
Remarks
Flame resistant per IEC 60332-2, (DIN EN 60332-2)
Enclosure rating per IEC 60529 or 20653, only in screwed state with the associated mating piece.
The selection of accessories suitable for the application and their installation is always the responsibility of the operator of the system.


Similar Part No. - BCC0KLU

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0KL4 BALLUFF-BCC0KL4 Datasheet
106Kb / 2P
Double-Ended Cordsets
2023-12-20
BCC0KL5 BALLUFF-BCC0KL5 Datasheet
113Kb / 2P
Y-Splitters
0.66_2022-08-01
BCC0KL6 BALLUFF-BCC0KL6 Datasheet
163Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC0KL7 BALLUFF-BCC0KL7 Datasheet
162Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC0KL8 BALLUFF-BCC0KL8 Datasheet
162Kb / 2P
Single-Ended Cordsets
1_2018-12-17
More results

Similar Description - BCC0KLU

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com