Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES05YF Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES05YF
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05YF Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES05YF Datasheet HTML 1Page - Balluff Korea Ltd. BES05YF Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES M18MI-PSC80B-BP00,15-Z07
Order Code: BES05YF
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 280851
ETIM 6.0: EC002714
BES05YF_0.44_2022-06-19
2 / 2
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Brass, Nickel-free coated
Material jacket
TPU
Material sensing surface
PBT
Mechanical data
Dimension
Ø 18 x 55 mm
Installation
for flush mounting
Size
M18x1
Tightening torque
25 Nm
Range/Distance
Assured operating distance Sa
6.4 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
8 mm
Real switching distance sr
8 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
15 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Flush: See installation instructions for inductive sensors with extended range 825357.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com