Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES0601 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES0601
Description  Smart Automation and Monitoring System Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0601 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES0601 Datasheet HTML 1Page - Balluff Korea Ltd. BES0601 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Smart Automation and Monitoring System
Inductive Sensors
BES M18EH1-L01C12F-S04G-L04
Order Code: BES0601
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 284429
ETIM 6.0: EC002714
BES0601_0.26_2022-06-02
1 / 2
Basic features
Application
Object detection
Approval/Conformity
CE
EAC
cULus
Ecolab
IO-Link
WEEE
Basic standard
IEC 60947-5-2
Operating mode
SIO Mode
IO-Link Mode
Scope of delivery
Nut M18x1-24mm flat-to-flat (2x)
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.25 µF
Min. operating current Im
0 mA
No-load current Io max., damped
20 mA
No-load current Io max., undamped
20 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
100.0 kOhm
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ready delay tv max.
300 ms
Ripple max. (% of Ue)
15 %
Switching frequency
700 Hz
Utilization category
DC -13
Voltage drop static max.
1.5 V
Environmental conditions
Ambient temperature
-40...85 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP68, IP69K/IP68//IP69K
Functional safety
MTTF (40 °C)
484.5 a
n


Similar Part No. - BES0601

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0602 BALLUFF-BES0602 Datasheet
118Kb / 2P
Inductive Sensors
2023-03-23
BES0603 BALLUFF-BES0603 Datasheet
117Kb / 2P
Inductive Sensors
2023-04-24
BES0604 BALLUFF-BES0604 Datasheet
118Kb / 2P
Inductive Sensors
2023-08-15
BES0605 BALLUFF-BES0605 Datasheet
119Kb / 2P
Inductive Sensors
2023-05-05
BES0606 BALLUFF-BES0606 Datasheet
118Kb / 2P
Inductive Sensors
2023-03-14
More results

Similar Description - BES0601

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61040FP MITSUBISHI-M61040FP Datasheet
181Kb / 25P
Smart battery protection and monitoring IC
logo
Renesas Technology Corp
M61040FP RENESAS-M61040FP Datasheet
250Kb / 25P
Smart Battery Protection and Monitoring IC
logo
Balluff Korea Ltd.
BES05WY BALLUFF-BES05WY Datasheet
118Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BES05Y7 BALLUFF-BES05Y7 Datasheet
117Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
Smart Automation and Monitoring System
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
Smart Automation and Monitoring System
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
Smart Automation and Monitoring System
BDG0291 BALLUFF-BDG0291 Datasheet
138Kb / 2P
Smart Automation and Monitoring System Position Indicator
BES05ZW BALLUFF-BES05ZW Datasheet
116Kb / 2P
Smart Automation and Monitoring System Inductive Sensors
0.18_2022-01-12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com