Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE122004KC Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE122004KC
Description  Dual N-Channel Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE122004KC Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE122004KC Datasheet HTML 1Page - ACE Technology Co., LTD. ACE122004KC Datasheet HTML 2Page - ACE Technology Co., LTD. ACE122004KC Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE122004KC
Dual N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
1
Description
The ACE122004KC uses advanced trench technology to provide excellent RDS(ON) and low gate
charge. It is ESD protected. This device is suitable for use as a unidirectional or bi-directional load switch,
facilitated by its common-drain configuration.
Features
⚫
V(BR)DSS=20V
⚫
ID=10A
⚫
RDS(ON)@VGS=4.5V, Typ7.3mΩ
⚫
RDS(ON)@VGS=4.0V, Typ7.6mΩ
⚫
RDS(ON)@VGS=3.8V, Typ7.8mΩ
⚫
RDS(ON)@VGS=3.1V, Typ8.2mΩ
⚫
RDS(ON)@VGS=2.5V, Typ9.0mΩ
Absolute Maximum Ratings (Ta=25℃ unless otherwise noted)
Parameter
Symbol
Ratings
Units
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
10
A
Pulsed Drain Current
IDM
50
A
Thermal Resistance from Junction to Ambient
RθJA
83.3
℃/W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~150
℃
Lead Temperature for Soldering Purposes
(1/8’’ from case for 10 s)
TL
260
℃


Similar Part No. - ACE122004KC

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE12008A ACE-ACE12008A Datasheet
232Kb / 3P
N&P Pair Enhancement Mode MOSFET
VER 1.1
ACE12008AKG+H ACE-ACE12008AKG+H Datasheet
232Kb / 3P
N&P Pair Enhancement Mode MOSFET
VER 1.1
logo
Fairchild Semiconductor
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
Arithmetic Controller Engine (ACEx?? for Low Power Applications
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE122004KC

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
logo
SEC Electronics Inc.
2N7002T SECELECTRONICS-2N7002T Datasheet
191Kb / 3P
N-Channel Plastic- Encapsulate MOSFETS
logo
ACE Technology Co., LTD...
ACE13019B ACE-ACE13019B Datasheet
439Kb / 5P
N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com