Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE13810B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE13810B
Description  Dual Asymmetric N-Channel Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13810B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE13810B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13810B Datasheet HTML 2Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACE13810B
Dual Asymmetric N-Channel Enhancement Mode Power MOSFET
VER 1.3
1
Description
⚫
CPU core power
⚫
Computer / server peripherals
⚫
POL
⚫
Synchronous buck converter
⚫
Telecom DC/DC
Features
⚫
VDS (V) =30V, ID = 29A
⚫
RDS(ON) @VGS = 10V, TYP 9.5mΩ
⚫
RDS(ON) @VGS = 4.5V, TYP 12.5mΩ
Absolute Maximum Ratings @TA=25℃ unless otherwise noted
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)*AC
TA=25℃
ID
29
A
TA=100℃
18.3
Drain Current (Pulsed)*B
IDM
100
A
Power Dissipation
TA=25℃
PD
16.7
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating, Package Limited 18A.
Thermal Resistance Ratings
Parameter
Symbol
Maximum
Unit
Maximum Junction-to-Ambient
Steady State
RthJC
7.5
°C/W


Similar Part No. - ACE13810B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE13818B ACE-ACE13818B Datasheet
195Kb / 2P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE13818BPD+H ACE-ACE13818BPD+H Datasheet
195Kb / 2P
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE13810B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4912 AOSMD-AO4912 Datasheet
152Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4926 AOSMD-AO4926 Datasheet
246Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
AO4928 AOSMD-AO4928 Datasheet
160Kb / 8P
Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMS3017SSD DIODES-DMS3017SSD Datasheet
207Kb / 10P
ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS35052 Rev. 2 - 2
DMS3019SSD DIODES-DMS3019SSD Datasheet
205Kb / 10P
ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS35053 Rev. 2 - 2
logo
Cystech Electonics Corp...
MTNN8451KQ8 CYSTEKEC-MTNN8451KQ8 Datasheet
361Kb / 10P
Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN8452KQ8 CYSTEKEC-MTNN8452KQ8 Datasheet
358Kb / 10P
Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN8453KQ8 CYSTEKEC-MTNN8453KQ8 Datasheet
361Kb / 10P
Asymmetric Dual N-Channel Enhancement Mode MOSFET
MTNN081404SH8 CYSTEKEC-MTNN081404SH8 Datasheet
830Kb / 13P
Asymmetric Dual N- Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP3D2R6CMT A-POWER-AP3D2R6CMT Datasheet
140Kb / 8P
ASYMMETRIC DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com