Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE14840B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE14840B
Description  Dual N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14840B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE14840B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14840B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14840B Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ACE14840B
Dual N-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
⚫
DC-DC Converter
⚫
LCD Display Backlight
Features
⚫
VDS= 40V
⚫
ID = 5.7A
⚫
RDS(ON) @VGS = 10V, TYP23mΩ
⚫
RDS(ON) @VGS = 4.5V, TYP36mΩ
Absolute Maximum Ratings
TA=25℃, unless otherwise noted.
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous) *AC
TA=25°C
ID
5.7
A
TA=70°C
4.6
Drain Current (Pulse) *B
IDM
20
A
Avalanche energy L=0.1mH
EAS
3.2
mJ
Power Dissipation
TA=25°C
PD
1.9
W
Operating Temperature/ Storage Temperature
TJ//TSTG
-55~150
°C
A: The value of RθJA is measured with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The
current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Thermal Resistance Ratings
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t
≤10S
RthJA
55
65
°C/W
Maximum Junction-to-Ambient
Steady State
RthJA
120


Similar Part No. - ACE14840B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
ACE14805BFM+H ACE-ACE14805BFM+H Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14805SBFM+H ACE-ACE14805SBFM+H Datasheet
1Mb / 7P
Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE14840B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com