Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE17411B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE17411B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE17411B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE17411B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE17411B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE17411B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
load switch
battery protection applications
Features
VDS=-30V
ID=-60A
RDS(ON)@VGS=-10V,TYP 6.6
mΩ
RDS(ON)@VGS=-4.5V,TYP8.5
mΩ
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current(Continuous)
*AC
TC=25℃
ID
-60
A
TC=100℃
-33
Drain Current(Pulsed)
*B
IDM
-145
A
Power Dissipation
TC=25℃
PD
96
W
Operating temperature / storage temperature
TJ/TSTG
-55~150
℃
Note :
A. The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B. Repetitive rating, pulse width limited by junction temperature.
C. The current
rating is based on the t≤ 10s junction to ambient thermal resistance rating
Thermal Resistance Ratings
Parameter
Symbol
Typical
Maximum
Units
Maximum Junction-to-Ambient
Steady State
R
thJC
1
1.3
°C/W


Similar Part No. - ACE17411B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE17409B ACE-ACE17409B Datasheet
784Kb / 7P
P-Channel Enhancement Mode Power MOSFET
VER 1.2
ACE17409BPD+H ACE-ACE17409BPD+H Datasheet
784Kb / 7P
P-Channel Enhancement Mode Power MOSFET
VER 1.2
ACE17430B ACE-ACE17430B Datasheet
594Kb / 6P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE17430BYM+H ACE-ACE17430BYM+H Datasheet
594Kb / 6P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE17440M ACE-ACE17440M Datasheet
561Kb / 6P
N-Channel 40-V (D-S) MOSFET
VER 1.1
More results

Similar Description - ACE17411B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com