Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE72251LA Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE72251LA
Description  1.5A 2MHz 6V Synchronous Buck Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE72251LA Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE72251LA Datasheet HTML 1Page - ACE Technology Co., LTD. ACE72251LA Datasheet HTML 2Page - ACE Technology Co., LTD. ACE72251LA Datasheet HTML 3Page - ACE Technology Co., LTD. ACE72251LA Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACE72251LA
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
2
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
8V
Max Operating Junction Temperature (Tj)
125°C
Ambient Temperature (Ta)
-40°C
– 85°C
Maximum Power Dissipation
SOT23-5
400mW
DFN2*2-6L
600 mW
Storage Temperature (Ts)
-40°C - 150°C
Lead Temperature & Time
26°C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
Ordering information
ACE72251LA XX+ H
Pb - free
BNA: SOT23-5A
BNB: SOT-23-5B
MN: DFN2*2-6L
Halogen - free



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com