Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE72251LABNB+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE72251LABNB+H
Description  1.5A 2MHz 6V Synchronous Buck Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE72251LABNB+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE72251LABNB+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE72251LABNB+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE72251LABNB+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE72251LABNB+H Datasheet HTML 4Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACE72251LA
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
1
Description
The ACE72251LA is a high-efficiency, DC to DC step-down switching regulators, capable of
delivering up to 1.5A of output current. The device operates from an input voltage range of 2.6V to 6V and
provides an output voltage from 0.6V to VIN. Working at a fixed frequency of 2MHz allows the use of
small external components, such as ceramic input and output caps, as well as small inductors, while still
providing low output ripples. This low noise output along with its excellent efficiency achieved by the
internal synchronous rectifier, making ACE72251LA an ideal replacement for large power consuming
linear regulators. Internal soft-start control circuitry reduces inrush current. Short-circuit and thermal
shutdown protection improves design reliability.
The ACE72251LA is available in SOT23-5, DFN2x2-6 package.
Features
⚫
High efficiency: up to 97%
⚫
Up to 1.5A Max output current
⚫
2MHz switching frequency
⚫
Low dropout 100% duty operation
⚫
Internal compensation and soft-start
⚫
Current mode control
⚫
Reference 0.6V
⚫
Logic control shutdown (IQ<1uA)
⚫
Thermal shutdown, UVLO
Application
⚫
Cellular phones
⚫
Digital Cameras
⚫
MP3 and MP4 players
⚫
Set top boxes
⚫
Wireless and DSL Modems
⚫
USB supplied Devices in Notebooks
⚫
Portable Devices


Similar Part No. - ACE72251LABNB+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7225D ACE-ACE7225D Datasheet
137Kb / 3P
2A, 4.5V~18V Input, 500KHz Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE72251LABNB+H

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108 Datasheet
257Kb / 10P
2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108_06 Datasheet
304Kb / 12P
2A, 6V, 740KHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
1A 1.5MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
2A 3MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7115B AITSEMI-A7115B Datasheet
408Kb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.5A 2MHz SYNCHRONOUS
REV1.4 - MAY 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com