Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2003 Datasheet(PDF) 1 Page - Avic Technology

Part # AV2003
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV2003 Datasheet(HTML) 1 Page - Avic Technology

  AV2003 Datasheet HTML 1Page - Avic Technology AV2003 Datasheet HTML 2Page - Avic Technology AV2003 Datasheet HTML 3Page - Avic Technology AV2003 Datasheet HTML 4Page - Avic Technology AV2003 Datasheet HTML 5Page - Avic Technology AV2003 Datasheet HTML 6Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
@vic AV2003
LINEAR INTEGRATED CIRCUIT
QW-R110-011,A
AM/FM RADIO IC
DESCRIPTION
The AVIC AV2003 is AM/FM Radio IC ( FM F/E +
AM/FM IF ) which is designed for AM/FM Radios.
FEATURES
* FM IFT,AM IFT and FM Detector Coil aren’ t needed.
* Operating Supply Voltage Range
* VCC( opr ) = 1.8 ~ 7V ( Ta=25
°C).
DIP-16
SOP-16
BLOCK DIAGRAM
15
14
13
12
11
10
9
16
2
3
4
5
6
7
8
1
FM/AM
SW
FM
OSC
AM
OSC
FM
DET
AM
RF
FM
RF
AM
IF
FM
IF
FM
MIX
AM
MIX
AGC
AM
DET
AM
RF
IN
FM
RF
OUT
AM/
FM
SW
FM
OSC
AM
OSC
DET
OUT
QUAD
GND2
GND1
FM
RF IN
FM
MIX
AM
MIX
AGC
Vcc
AM
IF IN
FM
IF IN
BPF
Vcc
AM
FM


Similar Part No. - AV2003

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AV200 A-DATA-AV200 Datasheet
1Mb / 2P
Easy to create wireless hotspot
logo
Avic Technology
AV2001 AVICTEK-AV2001 Datasheet
627Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
Infinite Electronics In...
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV200R L-COM-AV200R Datasheet
348Kb / 2P
ADDERLink AV200 Series
More results

Similar Description - AV2003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com