Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS1P080D2S Datasheet(PDF) 2 Page - Schneider Electric

Part # VLS1P080D2S
Description  Disconnect switch, TeSys VLS, additional pole, 80A, for 80A switch, size 2, door mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS1P080D2S Datasheet(HTML) 2 Page - Schneider Electric

  VLS1P080D2S Datasheet HTML 1Page - Schneider Electric VLS1P080D2S Datasheet HTML 2Page - Schneider Electric VLS1P080D2S Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Intermittent duty class
Class 120 - 60 %
Making capacity ( I Rms)
120 A 690 V AC-21A
240 A 690 V AC-22A
800 A 690 V AC-23A
[Icm] rated short-circuit making
capacity
3550 A 690 V
[Icw] rated short-time withstand
Rms current
2500 A 690 V 1 s
Rated conditional short-circuit
current
50 kA 400 V 80 A gG
Breaking capacity
120 A 690 V AC-21A)
240 A 690 V AC-22A)
640 A 690 V AC-23A)
Mechanical durability
30000 cycles
Electrical durability
30000 cycles AC-21
Connections - terminals
Power circuit screw clamp terminals 0.08 in² (50 mm²) solid
Power circuit screw clamp terminals 0.11 in² (70 mm²) flexible - without cable end
Tightening torque
Power circuit 44.25…53.10 lbf.in (5…6 N.m) screw clamp terminals
Height
3.94 in (100 mm)
Width
0.91 in (23 mm)
Depth
1.91 in (48.6 mm)
Net Weight
0.24 lb(US) (0.11 kg)
Color
Gray
Environment
Standards
UL98
CSA C22.2 No 4
IEC 60947-3
Product Certifications
cULus
GL
IP degree of protection
IP20 conforming to IEC 60529
Mechanical robustness
Vibrations 2...100 Hz Fc 0.7 g) IEC 60068-2-6
Shocks 11 ms Ea 15 gn) IEC 60068-2-27
Ambient Air Temperature for
Operation
-13…131 °F (-25…55 °C)
Fire resistance
1760 °F (960 °C) IEC 60695-2-11
Ordering and shipping details
Category
21734-TESYS VLS DISCONNECT SWITCHES
Discount Schedule
CP1
GTIN
3606481156662
Nbr. of units in pkg.
1
Package weight(Lbs)
4.66 oz (132.0 g)
Returnability
Yes
Country of origin
IT
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.76 in (7 cm)
Package 1 width
2.52 in (6.4 cm)
Package 1 Length
4.49 in (11.4 cm)
2
Jun 27, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com