Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9012 Datasheet(PDF) 2 Page - Avic Technology

Part # AV9012
Description  TO-92 Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV9012 Datasheet(HTML) 2 Page - Avic Technology

  AV9012 Datasheet HTML 1Page - Avic Technology AV9012 Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
@vic
AV9012
Copyright © Avic Electronics Corp.
2
Website: http://www.avictek.com
Typical Characteristics
VCE[V], Collector-Emitter Voltage
Figure 1. Static Characteristic
IB=-300μA
IC[mA], Collector Current
Figure 2. DC current Gain
IC[mA], Collector Current
Figure 4. Current Gain Bandwidth Product
IC[mA], Collector Current
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
IB=-250μA
IB=-200μA
IB=-150μA
IB=-100μA
IB=-50μA
-50
-40
-30
-20
-10
0
0
-10
-20
-30
-40
-50
1000
100
10
-10
-100
-1000
VCE = -1V
1000
100
10
-10
-100
-1000
VBE(sat)
VCE(sat)
IC=10IB
VCE = -6V
1000
100
10
1
-1
-10
-100
-1000
-10000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com