Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSG6C8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVFSG6C8
Description  4-Pin Green LED Lamp (7.6mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVFSG6C8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVFSG6C8 Datasheet HTML 1Page - OPTEK Technologies OVFSG6C8 Datasheet HTML 2Page - OPTEK Technologies OVFSG6C8 Datasheet HTML 3Page - OPTEK Technologies OVFSG6C8 Datasheet HTML 4Page - OPTEK Technologies OVFSG6C8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.0
0505
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
4-Pin Green LED Lamp (7.6mm)
OVFSG6C8
x
Packaged in tubes
x
Compatible with automatic placement equipment
x
Compatible with infrared and vapor phase reflow solder process
x
Mono-color type
x
Pb-free
The OVFSG6C8 is designed with higher forward voltage to maximize brightness and incorporates a low-profile
lens to enhance efficient light distribution. Response time is fast and it consumes less power resulting in low cur-
rent requirements from circuit power supply. Tubular arrays replace neon in outdoor and indoor signs. This square
package allows high-density arrays to form light engines.
Applications
x
Automotive: Rear Stop/Turn Signal Lamps/Truck Marker Lamps
x
Mood-setting Decoration and Landscape Lighting
x
Special Decorative Interior/Exterior Lighting
x
Special Effects Stage Lighting
x
Illumination for Signs and Channel Letters
x
Traffic Signals, Pedestrian and Walkway Signs
Product Photo Here
Part Number
Material
Emitted Color
Flux Typ. mlm
OVFSG6C8
InGaN
Green
2500
Lens Color
Water Clear
RoHS
Data is subject to change without prior notice.
2,3 ANODE
1,4 CATHODE


Similar Part No. - OVFSG6C8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVFSG6C8 TTELEC-OVFSG6C8 Datasheet
468Kb / 4P
4-Pin Green LED Lamp (7.6 mm)
More results

Similar Description - OVFSG6C8

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7676CSEC-H KINGBRIGHT-L-7676CSEC-H Datasheet
85Kb / 3P
7.6mm X 7.6mm SUPER FLUX LED LAMP
L-7676CSYC-H KINGBRIGHT-L-7676CSYC-H Datasheet
92Kb / 3P
7.6mm X 7.6mm SUPER FLUX LED LAMP
logo
OPTEK Technologies
OVFSAAC8 OPTEK-OVFSAAC8 Datasheet
602Kb / 5P
4-Pin Amber LED Lamp (7.6mm)
5/19
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
OVFSQ4C8 OPTEK-OVFSQ4C8 Datasheet
645Kb / 5P
4-Pin Red-Orange LED Lamp
OVFSRAC8 OPTEK-OVFSRAC8 Datasheet
629Kb / 5P
4-Pin Red LED Lamp (7.6mm)
OVFSW6C8 OPTEK-OVFSW6C8 Datasheet
684Kb / 6P
4-Pin White LED Lamp (7.6mm)
logo
Kingbright Corporation
WP76761CSEC-E KINGBRIGHT-WP76761CSEC-E Datasheet
80Kb / 3P
7.6mm x 7.6mm SUPER FLUX LED LAMP
WP76761CSEC-J KINGBRIGHT-WP76761CSEC-J Datasheet
133Kb / 4P
7.6mm x 7.6mm SUPER FLUX LED LAMP
logo
TT Electronics.
OVFSG6C8 TTELEC-OVFSG6C8 Datasheet
468Kb / 4P
4-Pin Green LED Lamp (7.6 mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com