Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSB407S Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FMSB407S
Description  SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 1000 Volts CURRENT 4.0 Amperes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FMSB407S Datasheet(HTML) 2 Page - Rectron Semiconductor

  FMSB407S Datasheet HTML 1Page - Rectron Semiconductor FMSB407S Datasheet HTML 2Page - Rectron Semiconductor FMSB407S Datasheet HTML 3Page - Rectron Semiconductor FMSB407S Datasheet HTML 4Page - Rectron Semiconductor FMSB407S Datasheet HTML 5Page - Rectron Semiconductor FMSB407S Datasheet HTML 6Page - Rectron Semiconductor FMSB407S Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7S)
RATING AND CHARACTERISTICS CURVES (FMSB40
o
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.01
0.1
1
10
0
30
60
90
120
150
180
2.0
1.5
0.5
1.0
2.5
100
40
60
20
10
1
2
4
6
FIG.2
INSTANTANEOUS
FORWARD CHARACTERISTICS
CASE TEMPERATURE, ( C)
20
0
3.0
4.0
5.0
80
40
60
100
120
140 150
FIG.4 TY
YPICAL FORWARD CURRENT
DERATING CURVE
NUMBER OF CYCLES AT 60Hz
8.3mS Single Half Sine-Wave
JEDEC Method
FIG. 1 MAXIMUM NON-R
REPETITIV
VE
FORWARD SURGE CURRENT
T
25 C
Pulse Width
300mS
1% Duty Cycle
60 Hz RESISTIVE OR
INDUCTIVE LOAD
2.0
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
FIG.3
REVERSE CHARACTERISTICS
0
10
1000
10000
40
20
60
80
100
120
140
TA = 25 C
TA
150 C
1
o
o
o
o
MAXIMUM
MAXIMUM
=
J=



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com