Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMB2F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # HMB2F
Description  SINGLE-PHASE GLASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HMB2F Datasheet(HTML) 1 Page - Rectron Semiconductor

  HMB2F Datasheet HTML 1Page - Rectron Semiconductor HMB2F Datasheet HTML 2Page - Rectron Semiconductor HMB2F Datasheet HTML 3Page - Rectron Semiconductor HMB2F Datasheet HTML 4Page - Rectron Semiconductor HMB2F Datasheet HTML 5Page - Rectron Semiconductor HMB2F Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HMB1F
THRU
HMB10F
HMB1F
HMB2F
HMB4F
HMB6F
HMB8F
HMB10F
100
200
400
600
800
1000
100
200
400
600
800
1000
70
140
280
420
560
700
30
70
0.8 A DC
3.74
30
100
0.8
0.8
0.5
Maximum Average Forward Rectified Current
TA =40
oC(Note1)
TA =40
oC(Note2)
20
MB-F
Unit:mm
27.3
10
@TA =150
oC
@TA =25
oC
NOTES:
Typical ThermalResistance(Note3)
1.Mounted on glass epoxy PC board with 1.3mm2 solder pad.
uAmps
5.0
1.0
mAmps
1.0
* High efficiency rectifier
HMB1F
HMB2F
HMB4F
HMB6F
HMB8F
HMB10F
3.Typ ical Thermal Resistance : At 9.5mm lead lengths,PCB mounted.
2.Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
1.3
1.7
Maximum Reverse Recovery Time (Note 4)
trr
nSec
4. Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
75
50
2021-12/06
REV:A


Similar Part No. - HMB2F

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
HMB2F JUXING-HMB2F Datasheet
2Mb / 2P
ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Thinki Semiconductor Co...
HMB2F THINKISEMI-HMB2F Datasheet
462Kb / 8P
THINKISEMIS FAST RECOVERY TYPE MINIATURE SURFACE MOUNT BRIDGE RECTIFIERS
20210604-V2
More results

Similar Description - HMB2F

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
DB101 WINGS-DB101 Datasheet
272Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RS201L RECTRON-RS201L Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
WILLAS ELECTRONIC CORP
RS201L WILLAS-RS201L Datasheet
204Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
logo
Kingtronics Internation...
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410_16 Datasheet
334Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
W005-W10M KINGTRONICS-W005-W10M Datasheet
359Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
BR25005-BR2510 KINGTRONICS-BR25005-BR2510 Datasheet
451Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
BR25005W-BR2510W KINGTRONICS-BR25005W-BR2510W Datasheet
352Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25.0 Ampere
KBPC35005-KBPC3510 KINGTRONICS-KBPC35005-KBPC3510_16 Datasheet
371Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35.0 Ampere
logo
Rectron Semiconductor
MB1F RECTRON-MB1F Datasheet
595Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 0.8 Ampere
2021-12/18 REV:G
MD1F RECTRON-MD1F Datasheet
402Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 tO 1000 Volts CURRENT 1.0 Ampere
2021-12/08 REV:E
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com