Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSRAC8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVFSRAC8
Description  4-Pin Red LED Lamp (7.6mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVFSRAC8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVFSRAC8 Datasheet HTML 1Page - OPTEK Technologies OVFSRAC8 Datasheet HTML 2Page - OPTEK Technologies OVFSRAC8 Datasheet HTML 3Page - OPTEK Technologies OVFSRAC8 Datasheet HTML 4Page - OPTEK Technologies OVFSRAC8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.0
0505
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
4-Pin Red LED Lamp (7.6mm)
OVFSRAC8
x
Packaged in tubes
x
Compatible with automatic placement equipment
x
Compatible with infrared and vapor phase reflow solder process
x
Mono-color type
x
Pb-free
The OVFSRAC8 is designed with higher forward voltage to maximize brightness and incorporates a low-profile
lens to enhance efficient light distribution. Response time is fast and it consumes less power resulting in low cur-
rent requirements from circuit power supply. Tubular arrays replace neon in outdoor and indoor signs. This square
package allows high-density arrays to form light engines.
Applications
x
Automotive: Rear Stop/Turn Signal Lamps/Truck Marker Lamps
x
Mood-setting Decoration and Landscape Lighting
x
Special Decorative Interior/Exterior Lighting
x
Special Effects Stage Lighting
x
Illumination for Signs and Channel Letters
x
Traffic Signals, Pedestrian and Walkway Signs
Product Photo Here
Part Number
Material
Emitted Color
Flux Typ. mlm
OVFSRAC8
AlInGaP
Red
4500
Lens Color
Water Clear
RoHS
Data is subject to change without prior notice.
2,3 ANODE
1,4 CATHODE


Similar Part No. - OVFSRAC8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSRAC8 TTELEC-OVFSRAC8 Datasheet
1Mb / 6P
4-Pin LED Lamp (7.6 mm)
03/2022
More results

Similar Description - OVFSRAC8

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7676CSEC-H KINGBRIGHT-L-7676CSEC-H Datasheet
85Kb / 3P
7.6mm X 7.6mm SUPER FLUX LED LAMP
L-7676CSYC-H KINGBRIGHT-L-7676CSYC-H Datasheet
92Kb / 3P
7.6mm X 7.6mm SUPER FLUX LED LAMP
logo
OPTEK Technologies
OVFSAAC8 OPTEK-OVFSAAC8 Datasheet
602Kb / 5P
4-Pin Amber LED Lamp (7.6mm)
5/19
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
OVFSG6C8 OPTEK-OVFSG6C8 Datasheet
625Kb / 5P
4-Pin Green LED Lamp (7.6mm)
OVFSQ4C8 OPTEK-OVFSQ4C8 Datasheet
645Kb / 5P
4-Pin Red-Orange LED Lamp
OVFSW6C8 OPTEK-OVFSW6C8 Datasheet
684Kb / 6P
4-Pin White LED Lamp (7.6mm)
logo
Kingbright Corporation
WP76761CSEC-E KINGBRIGHT-WP76761CSEC-E Datasheet
80Kb / 3P
7.6mm x 7.6mm SUPER FLUX LED LAMP
WP76761CSEC-J KINGBRIGHT-WP76761CSEC-J Datasheet
133Kb / 4P
7.6mm x 7.6mm SUPER FLUX LED LAMP
logo
LUMEX INC.
SSL-LX50448SIC LUMEX-SSL-LX50448SIC Datasheet
63Kb / 1P
7.6 X 7.6mm LED, ALLGap RED LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com