Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MB1M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 100 to 1000 Volts CURRENT 1.0 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MB1M Datasheet(HTML) 2 Page - Rectron Semiconductor

  MB1M Datasheet HTML 1Page - Rectron Semiconductor MB1M Datasheet HTML 2Page - Rectron Semiconductor MB1M Datasheet HTML 3Page - Rectron Semiconductor MB1M Datasheet HTML 4Page - Rectron Semiconductor MB1M Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
35
30
25
20
15
10
5
0
0.2 0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1
10
100
200
Reverse Voltage
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
Instantaneou Foward Voltage
1
100
10
1
0.1
0.01
30
25
20
15
10
5
0
Percent Of Rated Peak Reverse Voltage(%)
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
Ambient Temperature
10
FIG. 5-TYPICAL JUNCTION CAPACTITANE
1Cycle
f=50Hz
TJ=25
Pulse Width=300 s
1% Duty Cycle
TJ=25
f=1.0MHZ
Vsig=50mV p-p
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0
20
40
60
80
100
120
140
160
Volts
Volts
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120
140
T= 25 C
A
T= 125 C
A
RATING AND CHARACTERISTICS CURVES (MB1M THRU MB10M)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com