Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLAB6CB8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVLAB6CB8
Description  Round Blue LED Lamp (3mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLAB6CB8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVLAB6CB8 Datasheet HTML 1Page - OPTEK Technologies OVLAB6CB8 Datasheet HTML 2Page - OPTEK Technologies OVLAB6CB8 Datasheet HTML 3Page - OPTEK Technologies OVLAB6CB8 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 1.0
0605
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Round Blue LED Lamp (3mm)
OVLAB6CB8
x
65°viewing angle
x
Diffused lens for uniform light output
x
Available on tape or reel
x
Blue color (470nm)
The OVLAB6CB8 is designed for wide-angle, uniform light output. The industry standard leads have a stand-off
making this package ideal for PC board process assembly.
Applications
x
Indicators for Medical, Industrial, Consumer, and Office Equipment
x
Indicators for White Goods and Home Appliances
x
Interior and Exterior Architectural and Accent Lighting
x
Signs and Digital Information Displays, Video Screen Non-color and RGB Presentation
x
Automotive Backlighting and Indicators
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLAB6CB8
InGaN
Blue
600
Lens Color
White Diffused
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
RoHS


Similar Part No. - OVLAB6CB8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLAB6CB8 TTELEC-OVLAB6CB8 Datasheet
969Kb / 4P
Round Blue LED Lamp (3mm)
More results

Similar Description - OVLAB6CB8

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MBB31TA MICRO-ELECTRONICS-MBB31TA Datasheet
57Kb / 1P
3mm BLUE LED LAMP
MBB32TA MICRO-ELECTRONICS-MBB32TA Datasheet
56Kb / 1P
3mm BLUE LED LAMP
MBB32W MICRO-ELECTRONICS-MBB32W Datasheet
56Kb / 1P
3mm BLUE LED LAMP
logo
OPTEK Technologies
OVLAG6CB8 OPTEK-OVLAG6CB8 Datasheet
982Kb / 4P
Round Green LED Lamp (3mm)
OVLAS6CB8 OPTEK-OVLAS6CB8 Datasheet
986Kb / 4P
Round Red LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
Round Blue Through-hole LED Lamp (3mm)
logo
TAITRON Components Inco...
TLN-H4R3-1254 TAITRON-TLN-H4R3-1254 Datasheet
252Kb / 6P
3mm ROUND LAMP LED
logo
TT Electronics.
OVLAB6CB8 TTELEC-OVLAB6CB8 Datasheet
969Kb / 4P
Round Blue LED Lamp (3mm)
OVLAG6CB8 TTELEC-OVLAG6CB8 Datasheet
984Kb / 4P
Round Green LED Lamp (3mm)
OVLAS6CB8 TTELEC-OVLAS6CB8 Datasheet
988Kb / 4P
Round Red LED Lamp (3mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com