Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLAS6CB8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVLAS6CB8
Description  Round Red LED Lamp (3mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLAS6CB8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVLAS6CB8 Datasheet HTML 1Page - OPTEK Technologies OVLAS6CB8 Datasheet HTML 2Page - OPTEK Technologies OVLAS6CB8 Datasheet HTML 3Page - OPTEK Technologies OVLAS6CB8 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue 1.0
0605
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Round Red LED Lamp (3mm)
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLAS6CB8
AlInGaP
Red
1100
Lens Color
Water Clear
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
RoHS
OVLAS6CB8
x
65°viewing angle
x
Diffused lens for uniform light output
x
Available on tape or reel
x
Red color (628nm)
The OVLAS6CB8 is designed for wide-angle, uniform light output. The industry standard leads have a stand-off
making this package ideal for PC board process assembly.
Applications
x
Indicators for Medical, Industrial, Consumer, and Office Equipment
x
Indicators for White Goods and Home Appliances
x
Interior and Exterior Architectural and Accent Lighting
x
Signs and Digital Information Displays, Video Screen Non-color and RGB Presentation
x
Automotive Backlighting and Indicators


Similar Part No. - OVLAS6CB8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLAS6CB8 TTELEC-OVLAS6CB8 Datasheet
988Kb / 4P
Round Red LED Lamp (3mm)
More results

Similar Description - OVLAS6CB8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
Round Red Through-hole LED Lamp (3mm)
logo
TAITRON Components Inco...
TLN-H4R3-1254 TAITRON-TLN-H4R3-1254 Datasheet
252Kb / 6P
3mm ROUND LAMP LED
logo
OptoSupply Internationa...
OSR5MA3131A OPTOSUPPLY-OSR5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Red LED
OSR5SA3131A OPTOSUPPLY-OSR5SA3131A Datasheet
98Kb / 1P
3mm Round Red LED
OSR5RU3131A OPTOSUPPLY-OSR5RU3131A Datasheet
105Kb / 1P
3mm Round Red LED
OSR5MA3131A OPTOSUPPLY-OSR5MA3131A_09 Datasheet
106Kb / 1P
3mm Round Phoenix Red LED
OSR5PA3131A OPTOSUPPLY-OSR5PA3131A_09 Datasheet
106Kb / 1P
3mm Round Premium Red LED
OSR6LU3E34X-3F1A OPTOSUPPLY-OSR6LU3E34X-3F1A Datasheet
112Kb / 1P
3mm Round Red LED Holder
OS5RPM3131A OPTOSUPPLY-OS5RPM3131A Datasheet
65Kb / 1P
3mm Round Red LED
logo
TT Electronics.
OVLAS6CB8 TTELEC-OVLAS6CB8 Datasheet
988Kb / 4P
Round Red LED Lamp (3mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com