Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT13 Datasheet(PDF) 4 Page - CUI INC

Part # AMT13
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT13 Datasheet(HTML) 4 Page - CUI INC

  AMT13 Datasheet HTML 1Page - CUI INC AMT13 Datasheet HTML 2Page - CUI INC AMT13 Datasheet HTML 3Page - CUI INC AMT13 Datasheet HTML 4Page - CUI INC AMT13 Datasheet HTML 5Page - CUI INC AMT13 Datasheet HTML 6Page - CUI INC AMT13 Datasheet HTML 7Page - CUI INC AMT13 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CUI Devices
│ SERIES: AMT13 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/10/2021
│ page 4 of 8
cuidevices.com
ENCODER INTERFACE
CONNECTOR PINOUT
Function
#
AMT132S
AMT133S
AMT132Q
AMT133Q
1
RX_ENC+
RX_ENC+
RX_ENC+
RX_ENC+
2
TX_ENC+
TX_ENC+
TX_ENC+
TX_ENC+
3
NA
N/A
N/A
N/A
4
GND
GND
GND
GND
5
N/A
N/A
N/A
N/A
6
+5 V
+5 V
+5 V
+5 V
7
N/A
N/A
N/A
N/A
8
A+
A+
A+
A+
9
N/A
N/A
A-
A-
10
B+
B+
B+
B+
11
N/A
N/A
B-
B-
12
Z+
Z+
Z+
Z+
13
N/A
N/A
Z-
Z-
14
MCLR
MCLR
MCLR
MCLR
15
N/A
N/A
N/A
N/A
16
N/A
N/A
N/A
N/A
17
N/A
N/A
N/A
N/A
18*
NOISE GND
NOISE GND
NOISE GND
NOISE GND
*Pin 18 is not connected internally for standard encoders. Contact CUI Devices for support with high
noise applications.
AMT133
AMT132
Mating Connector:
JST ZPDR-18V-S
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com