Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 1 Page - CUI INC

Part # AMT20
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 1 Page - CUI INC

  AMT20 Datasheet HTML 1Page - CUI INC AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
date 09/10/2021
page 1 of 10
SERIES: AMT20
│ DESCRIPTION: MODULAR ABSOLUTE ENCODER
cuidevices.com
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
start-up time1
200
ms
current consumption
with unloaded output
8
10
mA
output high level
VDD-0.8
V
output low level
0.4
V
output current
CMOS sink/source per channel
2
mA
rise/fall time
30
ns
Note:
1. Encoder must be stationary during start-up.
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
quadrature A, B, and Z index
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions2
96, 192, 200, 250, 384, 400, 500, 512, 768, 800,
1000, 1024
PPR
index
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle
50
%
Notes:
2. Resolution selected via AMT Viewpoint™ PC Software. Default resolution set to 1024 PPR. All resolutions are listed as pre-quadrature, meaning the final number of
counts is PPR x 4.
ABSOLUTE POSITION CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
resolution
12
bits
positions
encoder can be zero-set via SPI or AMT Viewpoint™ PC
Software
accuracy
0.2
degrees
FEATURES
• patented capacitive ASIC technology
• low power consumption
• settings configurable with AMT Viewpoint™ GUI
• digitally set zero position alignment
• 12-bit absolute position via SPI (4096 positions)
• incremental resolutions up to 1024 PPR
• index pulse
• compact modular package with locking hub for ease of installation
• 7 different mounting hole options
• -40~125°C operating temperature
Additional Resources: Product Page | 3D Model


Similar Part No. - AMT20

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
patented capacitive ASIC technology
logo
CUI Devices
AMT20 CUID-AMT20 Datasheet
875Kb / 10P
MODULAR ABSOLUTE ENCODER
08/05/2022
logo
Same Sky Devices
AMT20 SAMESKY-AMT20 Datasheet
806Kb / 10P
MODULAR ABSOLUTE ENCODER
09/12/2024
logo
CUI INC
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT20

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT21 CUI-AMT21 Datasheet
842Kb / 10P
MODULAR ABSOLUTE ENCODER
AMT23 CUI-AMT23 Datasheet
754Kb / 8P
MODULAR ABSOLUTE ENCODER
AMT22 CUI-AMT22 Datasheet
727Kb / 9P
MODULAR ABSOLUTE ENCODER
AMT22 CUI-AMT22_V01 Datasheet
687Kb / 9P
MODULAR ABSOLUTE ENCODER
02/22/2022
AMT23 CUI-AMT23_V01 Datasheet
689Kb / 8P
MODULAR ABSOLUTE ENCODER
09/10/2021
AMT21 CUI-AMT21_V01 Datasheet
739Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
logo
CUI Devices
AMT20 CUID-AMT20 Datasheet
875Kb / 10P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT21 CUID-AMT21 Datasheet
765Kb / 10P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT22 CUID-AMT22 Datasheet
731Kb / 9P
MODULAR ABSOLUTE ENCODER
08/05/2022
AMT23 CUID-AMT23 Datasheet
723Kb / 8P
MODULAR ABSOLUTE ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com