Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISA48030A012V-001-R Datasheet(PDF) 1 Page - TDK Electronics

Part # ISA48030A012V-001-R
Description  DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ISA48030A012V-001-R Datasheet(HTML) 1 Page - TDK Electronics

  ISA48030A012V-001-R Datasheet HTML 1Page - TDK Electronics ISA48030A012V-001-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converters
1 of 2
Creation Date : May 17, 2022 (GMT)
iSA48030A012V-001-R
RoHS
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Sales Region
Worldwide (except Japan)
Series
iSA
Model
iSA
Status
Production
Option
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Electrical Characteristics
Nominal Input Voltage[DC]
48Vdc
Input Voltage Range[DC]
36 to 75Vdc
Efficiency
75% Typ.
Rated Output Voltage[DC]
1.2Vdc
Output Voltage Range[DC]
1.08 to 1.32Vdc
Output Current Range
3 to 30A
Maximum Ripple Noise
30mV
Maximum Output Power
36W
Withstanding Voltage1
Input - Output: 1500DC: min.
Withstanding Voltage2
Withstanding Voltage3
Package Type & Size
Package / Mounting
PCB mount
Width(W)
33mm Nom. (1.30in Nom.)
Height(H)
12.7mm Nom. (0.50in Nom.)
Depth(D)
22.9mm Nom. (0.90in Nom.)
Weight
Industry Standard Size
1/16 brick size
Terminal Style
DIP
Other
Operating Temp. Range
-40 to 125°C
Isolation
Isolated
Feature


Similar Part No. - ISA48030A012V-001-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ISA48030A012V-000-R TDK-ISA48030A012V-000-R Datasheet
231Kb / 2P
DC-DC Converters
May 17, 2022
More results

Similar Description - ISA48030A012V-001-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com