Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS3P025D1 Datasheet(PDF) 3 Page - Schneider Electric

Part # VLS3P025D1
Description  Disconnect switch, TeSys VLS, body switch, 25A, 15HP at 480VAC, UL508,three phase, 5kA SCCR, size 1, door mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P025D1 Datasheet(HTML) 3 Page - Schneider Electric

  VLS3P025D1 Datasheet HTML 1Page - Schneider Electric VLS3P025D1 Datasheet HTML 2Page - Schneider Electric VLS3P025D1 Datasheet HTML 3Page - Schneider Electric VLS3P025D1 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
3.15 in (8 cm)
Package 1 width
3.35 in (8.5 cm)
Package 1 Length
4.72 in (12 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
27
Package 2 Weight
13.12 lb(US) (5.951 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Jun 27, 2022
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com