Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS3P030R2 Datasheet(PDF) 3 Page - Schneider Electric

Part # VLS3P030R2
Description  Disconnect switch, TeSys VLS, body switch, 30A, 20HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P030R2 Datasheet(HTML) 3 Page - Schneider Electric

  VLS3P030R2 Datasheet HTML 1Page - Schneider Electric VLS3P030R2 Datasheet HTML 2Page - Schneider Electric VLS3P030R2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shocks 11 ms Ea 15 gn) IEC 60068-2-27
Ambient Air Temperature for
Operation
-13…131 °F (-25…55 °C)
Fire Resistance
1760 °F (960 °C) IEC 60695-2-11
Compatibility Code
VLS
Ordering and shipping details
Category
21734-TESYS VLS DISCONNECT SWITCHES
Discount Schedule
CP1
GTIN
3606481385956
Nbr. of units in pkg.
1
Package weight(Lbs)
13.23 oz (375.0 g)
Returnability
Yes
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.76 in (7 cm)
Package 1 width
3.94 in (10 cm)
Package 1 Length
2.76 in (7 cm)
Unit Type of Package 2
S03
Number of Units in Package 2
27
Package 2 Weight
23.89 lb(US) (10.838 kg)
Package 2 Height
11.81 in (30 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Jun 27, 2022
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com