Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS3P032D1 Datasheet(PDF) 4 Page - Schneider Electric

Part # VLS3P032D1
Description  Disconnect switch, TeSys VLS, body switch, 32A, 20HP at 480VAC, UL508, three phase, 5kA SCCR, size 1, door mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P032D1 Datasheet(HTML) 4 Page - Schneider Electric

  VLS3P032D1 Datasheet HTML 1Page - Schneider Electric VLS3P032D1 Datasheet HTML 2Page - Schneider Electric VLS3P032D1 Datasheet HTML 3Page - Schneider Electric VLS3P032D1 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product data sheet
Technical Illustration
VLS3P032D1
Dimensions
VLS3P016D1
VLS3P025D1
VLS3P032D1
VLS3P040D1
.78
[19.9]
1.76
[44.8]
ALL DIMENSIONS ARE APPROXIM ATE.
ALSO SEE TECHNICAL DRAWINGS AND DOCUMENTATION.
in.
[mm]
2.19
[55.5]
3.07
[78]
2.07
[52.7]
1.42
[36]
4
Jun 27, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com