Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS3P040D1 Datasheet(PDF) 2 Page - Schneider Electric

Part # VLS3P040D1
Description  Disconnect switch, TeSys VLS, body switch, 40A, 20HP at 480VAC, UL508, three phase, 5kA SCCR, size 1, door mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P040D1 Datasheet(HTML) 2 Page - Schneider Electric

  VLS3P040D1 Datasheet HTML 1Page - Schneider Electric VLS3P040D1 Datasheet HTML 2Page - Schneider Electric VLS3P040D1 Datasheet HTML 3Page - Schneider Electric VLS3P040D1 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[Ith] Conventional Free Air
Thermal Current
40 A 131 °F (55 °C)
[Ithe] Conventional Enclosed
Thermal Current
40 A
Making capacity ( I Rms)
120 A 690 V AC-22A
400 A 690 V AC-23A
60 A 690 V AC-21A
Breaking Capacity
60 A 690 V AC-21A)
120 A 690 V AC-22A)
320 A 690 V AC-23A)
SCCR
Fuse RK5 45 A maximum: 5 kA at 600 V AC
Rated Conditional Short Circuit
Current
50 kA 400 V 40 A gG
[Icm] Rated Short Circuit
Making Capacity
1128 A 690 V
Intermittent duty class
Class 120 - 60 %
[Uimp] rated impulse withstand
voltage
8 kV
[Icw] rated short-time withstand
Rms current
800 A 690 V 1 s
Mechanical Durability
100000 cycles
Electrical Durability
100000 cycles AC-21A
UL Wire Size
AWG 18...AWG 6 copper
IEC Terminal Connection
Power circuit screw clamp terminals 0.02 in² (10 mm²) solid
Power circuit screw clamp terminals 0.02 in² (16 mm²) flexible - without cable end
Tightening Torque
Power circuit 15.93…17.70 lbf.in (1.8…2 N.m) screw clamp terminals
Height
2.87 in (73 mm)
Width
1.77 in (45 mm)
Depth
3.07 in (78 mm)
Product Weight
0.30 lb(US) (0.135 kg)
Environment
Standards
UL 508
CSA C22.2 No 14
IEC 60947-3
Product Certifications
cULus
GL
Degree of Protection
IP20 conforming to IEC 60529
Mechanical Robustness
Vibrations 2...100 Hz Fc 0.7 g) IEC 60068-2-6
Shocks 11 ms Ea 15 gn) IEC 60068-2-27
Ambient Air Temperature for
Operation
-13…131 °F (-25…55 °C)
Fire Resistance
1760 °F (960 °C) IEC 60695-2-11
Ordering and shipping details
Category
21734-TESYS VLS DISCONNECT SWITCHES
Discount Schedule
CP1
GTIN
3606481156549
Nbr. of units in pkg.
1
Package weight(Lbs)
6.84 oz (194.0 g)
Returnability
Yes
Country of origin
IT
2
Jun 27, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com