Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7B Datasheet(PDF) 2 Page - AnaSem Hong Kong Limited.

Part # A7B
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7B Datasheet(HTML) 2 Page - AnaSem Hong Kong Limited.

  A7B Datasheet HTML 1Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 2Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 3Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 4Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 5Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 6Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 7Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 8Page - AnaSem Hong Kong Limited. A7B Datasheet HTML 9Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AnaSem Inc.
1
Rev. E09-06
Products Data Sheet
AnaSem
Analog Semiconductor IC
.......... Future of the analog world
Single-cell Li-ion / Li-polymer Battery Protection IC
A7B Series
GENERAL DESCRIPTIONS
The A7B series are protection ICs for rechargeable Li-ion / Li-polymer battery by
high withstand voltage CMOS process. These series protect single-cell Li-ion /
Li-polymer battery from over-charge, over-discharge, charge over-current and
discharge over-current.
FEATURES
High accuracy detection voltage ······
Selectable detection voltage ·············
Delay time (internal adjustment) ······
High withstand voltage ····················· Absolute maximum rating
28V (VM & CO terminals)
Low current consumption ·················
Wide operating temperature range ··············································································· –40°C ~ +85°C
Selectable 0V battery charging function or 0V battery charge inhibiting function
HALOGEN
RoHS
COMPLIANCE
Typ. 1.0s
Typ. 31.0ms
Typ. 8.0ms
Typ. 8.0ms
Typ. 370μs
Typ. 2.0ms
Typ. 16.0ms
4.0V ~ 4.5V (5mV step)
0.0V ~ 0.4V (50mV step)
2.0V ~ 3.0V (5mV step)
–0.25V ~ –0.05V (5mV step)
0.05V ~ 0.40V (5mV step)
Typ. 3.0μA
Max. 0.1μA
Over-charge detection delay time
Over-discharge detection delay time
Charge over-current detection delay time
Discharge over-current detection delay time
Load short-circuiting detection delay time
Release delay time 1
Release delay time 2
Operation
Over-discharge condition
Over-charge detection
Over-charge hysteresis
Over-discharge detection
Charge over-current detection
Discharge over-current detection
±25mV (Topr = 25°C)
±30mV (Topr = –5°C ~ +55°C)
±25mV
±2.5%
±30mV
±20mV
Over-charge detection
Over-charge hysteresis
Over-discharge detection
Charge over-current detection
Discharge over-current detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com