Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7BE03AA Datasheet(PDF) 21 Page - AnaSem Hong Kong Limited.

Part # A7BE03AA
Description  Single-cell Li-ion / Li-polymer Battery Protection IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

A7BE03AA Datasheet(HTML) 21 Page - AnaSem Hong Kong Limited.

Back Button A7BE03AA Datasheet HTML 15Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 16Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 17Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 18Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 19Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 20Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 21Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 22Page - AnaSem Hong Kong Limited. A7BE03AA Datasheet HTML 23Page - AnaSem Hong Kong Limited.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AnaSem Inc.
20
Rev. E09-06
A7B Series
Single-cell Li-ion / Li-polymer Battery Protection IC
.......... Future of the analog world
PACKAGE DIMENSIONS (SOT-26)
PIN CONFIGURATION
Pin No.
Symbol
Descriptions
1
DO
FET gate connection for discharge control
2
VM
Voltage monitoring for charger negative
3
CO
FET gate connection for charge control
4
NC
N/C
5
VDD
Positive power input
6
VSS
Negative power input
(Unit : mm)
Marked Side
2.9±0.2
1.9±0.2
0.95
1
2
3
4
6
5
0.95
0.4±0.1
2.9±0.2
0.16
+0.10
-0.15
0~0.1
0~10°
Front view
Top view
Bottom view
(Marked side)
VSS
VDD
NC
VM
DO
CO
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com