Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDD Datasheet(PDF) 7 Page - AnaSem Hong Kong Limited.

Part # VDD
Description  Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANASEM [AnaSem Hong Kong Limited.]
Direct Link  http://anasemi.com/index.php
Logo ANASEM - AnaSem Hong Kong Limited.

VDD Datasheet(HTML) 7 Page - AnaSem Hong Kong Limited.

Back Button VDD Datasheet HTML 3Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 4Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 5Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 6Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 7Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 8Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 9Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 10Page - AnaSem Hong Kong Limited. VDD Datasheet HTML 11Page - AnaSem Hong Kong Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AnaSem
6
Rev. E13-01
VDD Series
Low voltage, Low power, ±1% High detect accuracy with delay circuit CMOS Voltage Detector
.......... Future of the analog world
www.anasemi.com
sales@anasemi.com
DESCRIPTION OF OPERATION
General operation (CMOS Output)
In reference to following the block diagram of CMOS output VDD series ;
A. When the input voltage (VIN) is higher than the release voltage (VREL), the input voltage (VIN) is
provided at the output terminal because N-ch transistor is OFF and the P-ch transistor is ON. And,
the output maintains the same level of input as long as the input voltage remains above the detection
voltage (VDET).
B. When the input voltage (VIN) falls below the
detection voltage (VDET), the N-ch transistor
is ON and the P-ch transistor is OFF. And,
the output voltage (VOUT) is same as ground
level (VSS).
C. When the input voltage (VIN) falls below the
min. operating voltage, the output becomes
unstable, or goes to VIN when the output is
pulled up to VIN.
D. When the input voltage (VIN) rises above the
minimum voltage, the ground voltage (VSS)
level is maintained even though the input
voltage (VIN) rises above the detection
voltage (VDET) as long as it does not exceed
the release voltage (VREL) level.
E. Following delay time, the N-ch transistor
becomes OFF when the input voltage (VIN)
rises above the release voltage (VREL), and
the P-Ch transistor becomes ON. And, the
output voltage (VOUT) is equal to input
voltage (VIN). This difference between VDET
and VREL is hysteresis range (VHYS).
VIN
Vss
Voltage
Reference
+
_
VOUT
P-ch
N-ch
Input voltage (VIN)
Output voltage (VOUT)
Release voltage (VREL)
Detection voltage (VDET)
Min. operating voltage
Power ground (VSS)
Release voltage (VREL)
Detection voltage (VDET)
Min. operating voltage
Power ground (VSS)
Hysteresis range (VHYS)
A B
C
D E
[ TIMING CHART ]
Delay
Circuit
Delay time (TDLY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com