Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLEW1CB9 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLEW1CB9
Description  White High-Intensity LED Lamp White High-Intensity LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLEW1CB9 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLEW1CB9 Datasheet HTML 1Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 2Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 3Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 4Page - OPTEK Technologies OVLEW1CB9 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings
TA = 25o C (on metal core PCB1) unless otherwise noted
Note:
1.
Solder time less than 5 seconds at temperature extreme.
Electrical Characteristics
TA = 25o C (on metal core PCB1) unless otherwise noted
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks, please contact OPTEK.
Rank
A1
A2
B1
B2
C1
C2
D1
D2
Chromaticity
Coordinates
x 0.215–0.245 0.245–0.260 0.260–0.275 0.275–0.290 0.290–0.305 0.305–0.320 0.320–0.340 0.340–0.360
y 0.155–0.215 0.185–0.245 0.215–0.275 0.245–0.295 0.275–0.315 0.295–0.335 0.315–0.355 0.335–0.385
Luminous Intensity is
at J2 bin or above.
A1
A2
B1
B2
C1
C2
14250-18000
L1
11250-14250
K2
9000-11250
K1
7150-9000
J2
D1
D2
Chromaticity Coordinates (x, y)
Standard Bins (IF = 20mA)
Lamps are sorted to luminous flux ( V) and chromaticity coordinates (x, y) bins shown.
Orders for OVLEW1CB9 may be filled with any or all bins contained as below.
White High-Intensity LED Lamp
OVLEW1CB9
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +85 °C
Reverse Voltage
5 V
Continuous Forward Current
25 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
100 mW
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
260 ± 5°C
Electrostatic Discharge
150 V
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
7150
9000
----
mcd
IF = 20 mA
VF
Forward Voltage
----
3.5
4.0
V
IF = 20 mA
IR
Reverse Current
----
----
50
µA
VR = 5 V
2 ½
50% Power Angle
----
15
----
deg
IF = 20 mA
x
Chromaticity Coordinates
----
0.29
----
----
IF = 20 mA
y
----
0.28
----
----
IF = 20 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com