Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLEW3CB6 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLEW3CB6
Description  White High-Intensity LED Lamp (5 mm, 30째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLEW3CB6 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLEW3CB6 Datasheet HTML 1Page - OPTEK Technologies OVLEW3CB6 Datasheet HTML 2Page - OPTEK Technologies OVLEW3CB6 Datasheet HTML 3Page - OPTEK Technologies OVLEW3CB6 Datasheet HTML 4Page - OPTEK Technologies OVLEW3CB6 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics
TA = 25o C (on metal core PCB) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
1400
2100
4200
mcd
IF = 20 mA
VF
Forward Voltage
2.8
3.4
3.9
V
IF = 20 mA
IR
Reverse Voltage
----
----
2.5
V
IR = 10 mA
2 ½
50% Power Angle
----
30
----
deg
IF = 20 mA
x
Chromaticity Coordinates
----
0.310
----
----
IF = 20 mA
y
----
0.320
----
----
IF = 20 mA
Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
Pb content <1000 PPM.
3.
To designate luminous intensity ranks, please contact OPTEK.
Rank
A0
B3
Chromaticity
Coordinates
x
0.280 0.296 0.283 0.264 0.287 0.307 0.304 0.283 0.307 0.330 0.330 0.304
y
0.248 0.276 0.305 0.267 0.295 0.315 0.330 0.305 0.315 0.339 0.360 0.330
B4
Rank
B5
B6
Chromaticity
Coordinates
x
0.296 0.311 0.307 0.287 0.311 0.330 0.330 0.307 0.330 0.356 0.361 0.330
y
0.276 0.294 0.315 0.295 0.294 0.318 0.339 0.315 0.318 0.351 0.385 0.360
C0
Standard Bins (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown.
Orders for OVLEW3CB6 may be filled with any or all bins contained as below.
Absolute Maximum Ratings
TA = 25o C (on metal core PCB) unless otherwise noted
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-30 ~ +85°C
Reverse Current
100 mA
Continuous Forward Current
30 mA
Forward Current Reduction
-0.50 mA/°C
Power Dissipation
120 mW
Luminous Intensity is
at 4 bin or above.
A0
B3
B4
B5
B6
C0
2900–4200
6
2000–2900
5
1400–2000
4
Chromaticity Coordinates (x, y)
White High-Intensity LED Lamp
OVLEW3CB6
Note:
1.
= Zener Diode Rating.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com