Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLEW5CB6 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLEW5CB6
Description  White High-Intensity LED Lamp (5 mm, 50째 Viewing Angle)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLEW5CB6 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLEW5CB6 Datasheet HTML 1Page - OPTEK Technologies OVLEW5CB6 Datasheet HTML 2Page - OPTEK Technologies OVLEW5CB6 Datasheet HTML 3Page - OPTEK Technologies OVLEW5CB6 Datasheet HTML 4Page - OPTEK Technologies OVLEW5CB6 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings
TA = 25o C (on metal core PCB) unless otherwise noted
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-30 ~ +85 °C
Reverse Current
100 mA
Continuous Forward Current
30 mA
Forward Current Reduction
-0.50 mA/°C
Power Dissipation
120 mW
Electrical Characteristics
TA = 25o C (on metal core PCB) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
900
1600
2600
mcd
IF = 20 mA
VF
Forward Voltage
2.8
3.4
3.9
V
IF = 20 mA
VR
Reverse Voltage
----
----
2.5
V
IR = 10 mA
2 ½
50% Power Angle
----
50
----
deg
IF = 20 mA
x
Chromaticity Coordinates
----
0.310
----
----
IF = 20 mA
y
----
0.320
----
----
IF = 20 mA
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks, please contact OPTEK.
Rank
A0
B3
Chromaticity
Coordinates
x
0.280 0.296 0.283 0.264 0.287 0.307 0.304 0.283 0.307 0.330 0.330 0.304
y
0.248 0.276 0.305 0.267 0.295 0.315 0.330 0.305 0.315 0.339 0.360 0.330
B4
Rank
B5
B6
Chromaticity
Coordinates
x
0.296 0.311 0.307 0.287 0.311 0.330 0.330 0.307 0.330 0.356 0.361 0.330
y
0.276 0.294 0.315 0.295 0.294 0.318 0.339 0.315 0.318 0.351 0.385 0.360
C0
Luminous Intensity is
at 4 bin or above.
A0
B3
B4
B5
B6
C0
1800-2600
6
1300-1800
5
900-1300
4
Chromaticity Coordinates (x, y)
Standard Bins (IF = 20mA)
Lamps are sorted to luminous flux ( V) and chromaticity coordinates (x, y) bins shown.
Orders for OVLEW5CB6 may be filled with any or all bins contained as below.
White High-Intensity LED Lamp
OVLEW5CB6
Note:
1.
= Zener Diode Rating.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com