Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS3P100D2 Datasheet(PDF) 1 Page - Schneider Electric

Part # VLS3P100D2
Description  Disconnect switch, TeSys VLS, body switch, 100A, 50HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, door mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VLS3P100D2 Datasheet(HTML) 1 Page - Schneider Electric

  VLS3P100D2 Datasheet HTML 1Page - Schneider Electric VLS3P100D2 Datasheet HTML 2Page - Schneider Electric VLS3P100D2 Datasheet HTML 3Page - Schneider Electric VLS3P100D2 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Specifications
Disconnect switch, TeSys VLS, body
switch, 100A, 50HP at 480VAC,
UL98, three phase, 50kA SCCR,
size 2, door mount
VLS3P100D2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 145.38 USD
Main
Range
TeSys
Product Name
TeSys VARIO LS
Device Short Name
VLS3P
Product Type
Switch body
Complementary
Mounting Support
Door
Performance Level
High performance
Number of Poles
3P
Contact Type and Composition
3 NO
Color
Gray
[Ue] UL Rated Operational
Voltage
600 V AC 50/60 Hz UL 508
Network type
AC
Network frequency
50/60 Hz
UL Maxium Horsepower Ratings
30 hp 200/208 V AC
30 hp 240 V AC
50 hp 480 V AC
50 hp 600 V AC
5 hp 120 V AC
10 hp 240 V AC
[Ue] IEC Rated Operational
Voltage
690 V AC 50/60 Hz
IEC Rated Operational Power in
W
55 kW 400 V AC-23A)
45 kW 500 V AC-23A)
45 kW 690 V AC-23A)
[Ie] Rated Operational Current
100 A Ue: 600 V UL98
100 A AC-21A Ue: 400 V
100 A AC-21A Ue: 500 V
100 A AC-21A Ue: 690 V
100 A AC-22A Ue: 400 V
100 A AC-22A Ue: 500 V
100 A AC-22A Ue: 690 V
100 A AC-23A Ue: 400 V
80 A AC-23A Ue: 500 V
47 A AC-23A Ue: 690 V
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 27, 2022
1


Similar Part No. - VLS3P100D2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS3P100R2 SCHNEIDER-VLS3P100R2 Datasheet
142Kb / 3P
Disconnect switch, TeSys VLS, body switch, 100A, 50HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jul 12, 2021
VLS3P100R2 SCHNEIDER-VLS3P100R2 Datasheet
155Kb / 3P
Disconnect switch, TeSys VLS, body switch, 100A, 50HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
VLS3P100R2 SCHNEIDER-VLS3P100R2_V01 Datasheet
155Kb / 3P
Disconnect switch, TeSys VLS, body switch, 100A, 50HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
More results

Similar Description - VLS3P100D2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VLS3P100R2 SCHNEIDER-VLS3P100R2 Datasheet
142Kb / 3P
Disconnect switch, TeSys VLS, body switch, 100A, 50HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jul 12, 2021
VLS3P080R2 SCHNEIDER-VLS3P080R2 Datasheet
142Kb / 3P
Disconnect switch, TeSys VLS, body switch, 80A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jul 12, 2021
VLS3P030D2 SCHNEIDER-VLS3P030D2 Datasheet
154Kb / 4P
Disconnect switch, TeSys VLS, body switch, 30A, 20HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, door mount
Jun 27, 2022
VLS3P030R2 SCHNEIDER-VLS3P030R2_V01 Datasheet
120Kb / 3P
Disconnect switch, TeSys VLS, body switch, 30A, 20HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
VLS3P063D2 SCHNEIDER-VLS3P063D2 Datasheet
153Kb / 4P
Disconnect switch, TeSys VLS, body switch, 60A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, door mount
Jun 27, 2022
VLS3P063R2 SCHNEIDER-VLS3P063R2_V01 Datasheet
136Kb / 3P
Disconnect switch, TeSys VLS, body switch, 60A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
VLS3P080D2 SCHNEIDER-VLS3P080D2 Datasheet
153Kb / 4P
Disconnect switch, TeSys VLS, body switch, 80A, 40HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, door mount
Jun 27, 2022
VLS3P100R2 SCHNEIDER-VLS3P100R2_V01 Datasheet
155Kb / 3P
Disconnect switch, TeSys VLS, body switch, 100A, 50HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
VLS3P125D2 SCHNEIDER-VLS3P125D2 Datasheet
153Kb / 4P
Disconnect switch, TeSys VLS, body switch, 125A, 60HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, door mount
Jun 27, 2022
VLS3P125R2 SCHNEIDER-VLS3P125R2_V01 Datasheet
155Kb / 3P
Disconnect switch, TeSys VLS, body switch, 125A, 60HP at 480VAC, UL98, three phase, 50kA SCCR, size 2, DIN rail mount
Jun 27, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com