Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP03WXH Datasheet(PDF) 4 Page - Quelighting Corp

Part # QLSP03WXH
Description  The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP03WXH Datasheet(HTML) 4 Page - Quelighting Corp

  QLSP03WXH Datasheet HTML 1Page - Quelighting Corp QLSP03WXH Datasheet HTML 2Page - Quelighting Corp QLSP03WXH Datasheet HTML 3Page - Quelighting Corp QLSP03WXH Datasheet HTML 4Page - Quelighting Corp QLSP03WXH Datasheet HTML 5Page - Quelighting Corp QLSP03WXH Datasheet HTML 6Page - Quelighting Corp QLSP03WXH Datasheet HTML 7Page - Quelighting Corp QLSP03WXH Datasheet HTML 8Page - Quelighting Corp QLSP03WXH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
3
QLSP03WXH V1.1
Electrical / Optical Characteristic
(T=25 oC)
Product
Color
IF(mA)
VF(V)
CCT
CRI
Luminous
Flux(lm)
Typ.
max
Typ.
min
typ.
QLSP03WW1H
Warm White
150
6.2
6.6
2700K
>80
120
129
QLSP03WW2H
Warm White
150
6.2
6.6
3000K
>80
120
129
QLSP03WNH
Neutral White
150
6.2
6.6
4000K
>80
120
132
QLSP03WPH
Pure White
150
6.2
6.6
5000K
>80
130
137
QLSP03WC1H
Cold White
150
6.2
6.6
5700K
>80
130
137
QLSP03WC2H
Cold White
150
6.2
6.6
6500K
>80
120
132
(1) The Forward Voltage tolerance is ±0.1V
(2) The Color Rendering Index tolerance is ±2
(3) The luminous flux tolerance is ± 7%
Absolute Maximum Rating
(T=25 oC)
Part #
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (oC)
TST (oC)
Tj (oC)**
TSOL
(oC)**
Rth(J-S) (C/W)***
All White
1800
265
530
-
-40
– 85
-40 - 100
125
260
8
*Duty 1/10 @ 10Khz
** Junction Temperature
*** IR Reflow for no more than 10 sec @ 260 oC
**** Thermal resistance is calculated from junction to solder
Brightness reference for different drive current
(T=25 oC)
Power Consumption
0.34W
0.6W
0.93W
1.35W
Operation Current (mA)
60mA
100mA
150mA
200mA
QLSP03WW1H 2700K
44.8lm
132lm/W
76lm
126lm/W
112lm
120lm/W
140lm
110lm/W
QLSP03WW2H 3000K
46.4lm
136lm/W
80lm
133lm/W
116lm
125lm/W
145lm
114lm/W
QLSP03WNH 4000K
48lm
141lm/W
83lm
138lm/W
120lm
129lm/W
150lm
118lm/W
QLSP03WPH 5000K
52lm
153lm/W
89.7lm
149lm/W
130lm
139lm/W
162lm
127lm/W
QLSP03WC1H 5700K
52lm
153lm/W
89.7lm
149lm/W
130lm
139lm/W
162lm
127lm/W
QLSP03WC2H 6500K
52lm
153lm/W
89.7lm
149lm/W
130lm
139lm/W
162lm
127lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com