Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP03WNH Datasheet(PDF) 2 Page - Quelighting Corp

Part # QLSP03WNH
Description  The high output reflector type 3030 LEDs are available in warm white / neutral white / pure white and cold white to suit customer?셲 application.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP03WNH Datasheet(HTML) 2 Page - Quelighting Corp

  QLSP03WNH Datasheet HTML 1Page - Quelighting Corp QLSP03WNH Datasheet HTML 2Page - Quelighting Corp QLSP03WNH Datasheet HTML 3Page - Quelighting Corp QLSP03WNH Datasheet HTML 4Page - Quelighting Corp QLSP03WNH Datasheet HTML 5Page - Quelighting Corp QLSP03WNH Datasheet HTML 6Page - Quelighting Corp QLSP03WNH Datasheet HTML 7Page - Quelighting Corp QLSP03WNH Datasheet HTML 8Page - Quelighting Corp QLSP03WNH Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
QLSP03WXH V1.1
Product Outline:
The high output reflector type 3030 LEDs are available in warm white / neutral white / pure
white and cold white to suit customer’s application. These 1~1.5W LEDs are equipped
with heat sink to enhance operating performance. With special binning technology, these
LEDs are ideal for architecture lighting and special lighting needs.
Features:
• High brightness output @ 150mA
• Max. current = 265mA @ 1.8W
• Package Dimension = 3.2mmX3.0mmX0.6mm
• CRI = 80 and above
• Available color temperature in warm white / neutral white / pure white and cold white
• RoHS compliant
• Custom Bin available upon special request
Application:
• Architecture Lighting
• Garden Lighting
• Interior Lighting
Compliance and Certification:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com