Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP04WNU Datasheet(PDF) 2 Page - Quelighting Corp

Part # QLSP04WNU
Description  This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount LED which with heat sink to enhance operating performance.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp

QLSP04WNU Datasheet(HTML) 2 Page - Quelighting Corp

  QLSP04WNU Datasheet HTML 1Page - Quelighting Corp QLSP04WNU Datasheet HTML 2Page - Quelighting Corp QLSP04WNU Datasheet HTML 3Page - Quelighting Corp QLSP04WNU Datasheet HTML 4Page - Quelighting Corp QLSP04WNU Datasheet HTML 5Page - Quelighting Corp QLSP04WNU Datasheet HTML 6Page - Quelighting Corp QLSP04WNU Datasheet HTML 7Page - Quelighting Corp QLSP04WNU Datasheet HTML 8Page - Quelighting Corp QLSP04WNU Datasheet HTML 9Page - Quelighting Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
QLSP04WXU V1.2
Product Outline:
This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount
LED which with heat sink to enhance operating performance. With special binning
technology, these LEDs are ideal for architecture lighting and special lighting needs.
Features:
• White color LED
• High brightness output @ 350mA,
• High driving current to 700mA.
• Package Dimension = 3.2mmX3.0mmX0.6mm
• Ra 80
• RoHS compliant
• Custom Bin available upon special request
• View angel >110°
Application:
• Warning lamp
• Decoration lamp
• Architecture Lighting
• Garden Lighting
Compliance and Certification:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com