Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA240 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MSA240
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

MSA240 Datasheet(HTML) 2 Page - Cirrus Logic

  MSA240 Datasheet HTML 1Page - Cirrus Logic MSA240 Datasheet HTML 2Page - Cirrus Logic MSA240 Datasheet HTML 3Page - Cirrus Logic MSA240 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
MSA240
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS1
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER
OFFSET VOLTAGE
Full temperature range
9
mV
BIAS CURRENT
Full temperature range
500
nA
OFFSET CURRENT
Full temperature range
150
nA
COMMON MODE VOLTAGE RANGE
Full temperature range
0
4
V
SLEW RATE
Full temperature range
1
V/µS
OPEN LOOP GAIN
RL = 2KΩ
96
dB
UNITY GAIN BANDWIDTH
1
MHz
CLOCK
LOW LEVEL OUTPUT VOLTAGE
Full temperature range
.2
V
HIGH LEVEL OUTPUT VOLTAGE
Full temperature range
4.8
V
RISE TIME
7
nS
FALL TIME
7
nS
BIAS CURRENT, pin 22
Full temperature range
0.6
µA
5V REFERENCE OUTPUT
VOLTAGE
4.85
5.15
V
LOAD CURRENT
2
mA
OUTPUT
TOTAL RON, both MOSFETs4
IO = 20A , TJ = 85°C
155
mΩ
CURRENT, continuous
20
A
CURRENT, peak
100mS
30
A
OUTPUT MOSFET BODY DIODE
CONTINUOUS CURRENT
20
A
FORWARD VOLTAGE
I = 16A
1.3
V
REVERSE RECOVERY
IF = 16A
250
nS
POWER SUPPLY
VOLTAGE, VS
3
60
100
V
VOLTAGE, VCC
14
15
16
V
CURRENT, VS, quiescent
22kHz switching
4
28
mA
CURRENT, VCC, quiescent
22kHz switching
18
mA
CURRENT, VCC, shutdown
10
mA
THERMAL
RESISTANCE, DC, junction to case
Full temperature range
1.2
°C/W
RESISTANCE, junction to air
Full temperature range
14
°C/W
TEMPERATURE RANGE, case
-40
85
°C/W
SUPPLY VOLTAGE, VS
100V
SUPPLY VOLTAGE, VCC
16V
OUTPUT CURRENT, peak
30A, within SOA
POWER DISSIPATION, internal, DC
250W3
SIGNAL INPUT VOLTAGES
5.4V
TEMPERATURE, pin solder, 10s
225°C.
TEMPERATURE, junction2
175°C.
TEMPERATURE RANGE, storage
-40° to 105°C.
OPERATING TEMPERATURE, case
-40° to 85°C.
NOTES: 1.
Unless otherwise noted: TC=25°C, VCC = 15V, VS = 60V
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTBF.
3.
Each of the two output transistors on at any one time can dissipate 125W.
4.
Maximum specification guaranteed but not tested.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com