Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

63819-0901 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 63819-0901
Description  Hand Crimp Tool For Mini-Fit Jr. Male and Female Crimp Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

63819-0901 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  63819-0901 Datasheet HTML 1Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 2Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 3Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 4Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 5Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 6Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 7Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 8Page - Molex Electronics Ltd. 63819-0901 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Hand Crimp Tool For Mini-Fit Jr. Male and Female Crimp Terminals
Doc. No: 638190901
Release Date: 04-24-18
UNCONTROLLED COPY
Page 5 of 9
Revision: B
Revision Date: 12-21-21
Figure 5
TERMINAL
WIRE
WIRE STOP IS PART
OF THE LOCATOR
PRE-STRIPPED
WIRE
TERMINAL
WIRE AGAINST
THE WIRE STOP
Crimping Terminals
1. Select the desired terminal listed in the preceding charts.
2. Make sure the center of the locator is in the down
position. With the locator attached, push the locator
button on the back of the hand tool to bring the locator
forward through the tooling. See Figure 2.
3. While holding the locator button in, load the terminal into
the proper nest opening in the locator based on the wire
gauge or terminal type markings on the hand tooling. See
Figure 3.
4. Release the locator button, allowing the locator to return
to the crimping position.
5. Close the tool handle until the first ratchet position
engages. See Figure 4.
6. Insert the properly stripped wire through the terminal
and against the wire stop. See Figure 5.
7. Crimp the terminal by squeezing the tool handles until
the ratchet mechanism cycle has been completed.
Release the handles to open the jaws.
Note: The tamper-proof ratchet action will not release the tool until it has been fully closed.
8. Remove the crimped terminal from the terminal
locator by pulling on the wire.
9. Visually inspect the crimped terminal for proper
crimp location.
10. On some large O.D. wires, it may not be possible
to insert the wire with the tool partially closed.
Those wires should be inserted with the hand tool
in the open position. Insert the wire above the
terminal in the punch and against the wire stop,
and then close the tool. See Figure 6.
Locator Replacement
See the parts list on the last page of this document for the proper locator order number. Follow
the steps below to replace the locator:
1. Open the crimp hand tool.
2. Gently squeeze on the lower area shown in Figure 7A with your thumb and index finger.
The lower tabs of the locator should disengage from the hand tool.
PARTIALLY
CLOSE HANDLE
TOOLING
PARTIALLY
CLOSED
Figure 4
FIRST RATCHET
POSITION
OPEN
POSITION
TERMINAL
Figure 6
WIRE
WIRE
STOP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com