Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA07M Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA07M
Description  TABLE 4 GRUOP A INSPECTION
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA07M Datasheet(HTML) 1 Page - Cirrus Logic

  PA07M Datasheet HTML 1Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
SG
PARAMETER
SYMBOL
TEMP. POWER
TEST CONDITIONS
MIN
MAX
UNITS
1
Quiescent Current
I
Q
25°C
±35V
V
IN = 0, AV = 100
30
mA
1
Input Offset Voltage
V
OS
25°C
±35V
V
IN = 0, AV = 100
2
mV
1
Input Offset Voltage
V
OS
25°C
±12V
V
IN = 0, AV = 100
4.3
mV
1
Input Offset Voltage
V
OS
25°C
±50V
V
IN = 0, AV = 100
3.5
mV
1
Input Bias Current, +IN
+I
B
25°C
±35V
V
IN = 0
50
pA
1
Input Bias Current, –IN
–I
B
25°C
±35V
V
IN = 0
50
pA
1
Input Offset Current
I
OS
25°C
±35V
V
IN = 0
50
pA
3
Quiescent Current
I
Q
–55°C
±35V
V
IN = 0, AV = 100
46
mA
3
Input Offset Voltage
V
OS
–55°C
±35V
V
IN = 0, AV = 100
4.4
mV
3
Input Offset Voltage
V
OS
–55°C
±12V
V
IN = 0, AV = 100
6.7
mV
3
Input Offset Voltage
V
OS
–55°C
±50V
V
IN = 0, AV = 100
5.9
mV
3
Input Bias Current, +IN
+I
B
–55°C
±35V
V
IN = 0
50
pA
3
Input BiasCurrent, –IN
–I
B
–55°C
±35V
V
IN = 0
50
pA
3
Input Offset Current
I
OS
–55°C
±35V
V
IN = 0
50
pA
2
Quiescent Current
I
Q
125°C
±35V
V
IN = 0, AV = 100
30
mA
2
Input Offset Voltage
V
OS
125°C
±35V
V
IN = 0, AV = 100
5
mV
2
Input Offset Voltage
V
OS
125°C
±12V
V
IN = 0, AV = 100
7.3
mV
2
Input Offset Voltage
V
OS
125°C
±50V
V
IN = 0, AV = 100
6.5
mV
2
Input Bias Current, +IN
+I
B
125°C
±35V
V
IN = 0
10
nA
2
Input Bias Current, –IN
–I
B
125°C
±35V
V
IN = 0
10
nA
2
Input Offset Current
I
OS
125°C
±35V
V
IN = 0
10
nA
4
Output Voltage, I
O = 5A
V
O
25°C
±15.3V
R
L = 2.07Ω
10.3
V
4
Output Voltage, I
O = 90mA
V
O
25°C
±50V
R
L = 500Ω
45
V
4
Output Voltage, I
O = 2A
V
O
25°C
±29V
R
L = 12Ω
24
V
4
Current Limits
I
CL
25°C
±19V
R
L = 12Ω, RCL= 1Ω
.54
.86
A
4
Stability/Noise
E
N
25°C
±35V
R
L = 100Ω, AV = 1, CL = 1nF
1
mV
4
Slew Rate
SR
25°C
±35V
R
L = 500Ω
2.5
10
V/µs
4
Open Loop Gain
A
OL
25°C
±35V
R
L = 500Ω, F = 15Hz
89
dB
4
Common Mode Rejection
CMR
25°C
±34.5V
R
L = 500Ω, F = DC, VCM = ±24.5V
80
dB
6
Output Voltage, I
O = 5A
V
O
–55°C
±15.3V
R
L = 2.07Ω
10.3
V
6
Output Voltage, I
O = 90mA
V
O
–55°C
±50V
R
L = 500Ω
45
V
6
Output Voltage, I
O = 2A
V
O
–55°C
±29V
R
L = 12Ω
24
V
6
Stability/Noise
EN
–55°C
±35V
R
L = 100Ω, AV = 1, CL = 1nF
1
mV
6
Slew Rate
SR
–55°C
±35V
R
L = 500Ω
2.5
10
V/µs
6
Open Loop Gain
A
OL
–55°C
±35V
R
L = 500Ω, F = 15Hz
89
dB
6
Common Mode Rejection
CMR
–55°C
±34.5V
R
L = 500Ω, F = DC, VCM = ±24.5V
80
dB
5
Output Voltage, I
O = 3A
V
O
125°C
±11.3V
R
L = 2.07Ω
6.3
V
5
Output Voltage, I
O = 90mA
V
O
125°C
±50V
R
L = 500Ω
45
V
5
Output Voltage, I
O = 2A
V
O
125°C
±29V
R
L = 12Ω
24
V
5
Stability/Noise
E
N
125°C
±35V
R
L = 100Ω, AV = 1, CL = 1nF
1
mV
5
Slew Rate
SR
125°C
±35V
R
L = 500Ω
1.25
10
V/µs
5
Open Loop Gain
A
OL
125°C
±35V
R
L = 500Ω, F = 15Hz
89
dB
5
Common Mode Rejection
CMR
125°C
±34.5V
R
L = 500Ω, F = DC, VCM = ±24.5V
80
dB
BURN IN CIRCUIT
*
These components are used to stabilize device due
to poor high frequency characteristics of burn in
board.
**
Input signals are calculated to result in internal power
dissipation of approximately 2.1W at case tempera-
ture = 125°C.
�����
��
��
�������
����
����
�
�
�
�
�
�
�����
��
�
�����
�
�
��������������������������������������������������������������
� � � � � � � � � � � � � � �
��������������������������
���������
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA07MU REV K JUNE 2003 © 2003 Apex Microtechnology Corp.


Similar Part No. - PA07M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA07M CIRRUS-PA07M Datasheet
143Kb / 2P
Table 4 Group A Inspection
PA07M/883 CIRRUS-PA07M/883 Datasheet
143Kb / 2P
Table 4 Group A Inspection
More results

Similar Description - PA07M

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02M APEX-PA02M Datasheet
66Kb / 1P
TABLE 4 GRUOP A INSPECTION
logo
Anpec Electronics Corop...
PA09M ANPEC-PA09M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
logo
Cirrus Logic
PA10M APEX-PA10M Datasheet
66Kb / 1P
TABLE 4 GROUP A INSPECTION
PA73M APEX-PA73M Datasheet
67Kb / 1P
TABLE 4 GROUP A INSPECTION
SA51M APEX-SA51M Datasheet
21Kb / 1P
TABLE 4 GROUP A INSPECTION
PA08M CIRRUS-PA08M Datasheet
154Kb / 2P
Table 4 Group A Inspection
PA09M CIRRUS-PA09M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA73M CIRRUS-PA73M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA74M CIRRUS-PA74M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA84M CIRRUS-PA84M Datasheet
156Kb / 2P
Table 4 Group A Inspection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com