Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB40100C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VB40100C
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VB40100C Datasheet(HTML) 2 Page - Vishay Siliconix

  VB40100C Datasheet HTML 1Page - Vishay Siliconix VB40100C Datasheet HTML 2Page - Vishay Siliconix VB40100C Datasheet HTML 3Page - Vishay Siliconix VB40100C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VB40100C
www.vishay.com
Vishay General Semiconductor
Revision: 20-Jun-2018
2
Document Number: 87987
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VB40100C
UNIT
Typical thermal resistance per diode
RJC
2.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-263AB
VB40100C-M3/4W
1.39
4W
50/tube
Tube
TO-263AB
VB40100C-M3/8W
1.39
8W
800/reel
Tape and reel
Case Temperature (°C)
50
40
30
20
10
0
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
25
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T
Instantaneous Forward Voltage (V)
0
0.2
0.4
0.6
0.8
1
100
10
1
0.1
T
A = 25 °C
T
A = 125 °C
T
A = 150 °C
T
A = 100 °C
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.001
100
10
Percent of Rated Peak Reverse Voltage (%)
T
A = 150 °C
T
A = 25 °C
T
A = 100 °C
T
A = 125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com