Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2016 Datasheet(PDF) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 2016
Description  N-Channel 20-V(D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

2016 Datasheet(HTML) 5 Page - Shenzhen Tuofeng Semiconductor Technology Co

  2016 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 2016 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
5
SOT-23 Package Outline Dimensions
SOT-23 Suggested Pad Layout
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
0.950 TYP
0.037 TYP
e1
1.800
2.000
0.071
0.079
L
0.550 REF
0.022 REF
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
8°
2016



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com