Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4606 Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4606
Description  N and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4606 Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4606 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 6Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 7Page - Shenzhen Tuofeng Semiconductor Technology Co 4606 Datasheet HTML 8Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page
v1.0
1
N and P-Channel Enhancement Mode Power MOSFET
Description
The 4606 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS = 30V,ID =6.9A
RDS(ON) < 21mΩ @ VGS=10V
● P-Channel
VDS = -30V,ID = -6.0A
RDS(ON) < 45mΩ @ VGS=-10V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
Schematic diagram
Marking and pin assignment
SOP-8
top view
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25℃
6.9
-6.0
Continuous Drain Current
ID
A
Pulsed Drain Current
(Note 1)
IDM
28
-26
A
Maximum Power Dissipation
TA=25℃
PD
2.0
2.0
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
N-Ch
63.5
/W
℃
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
P-Ch
63.5
/W
℃
N-channel
P-channel
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
4606
RDS(ON) < 32mΩ @ VGS=4.5V
RDS(ON) < 60mΩ @ VGS=-4.5V
www.sztuofeng.com


Similar Part No. - 4606

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
4606 VBSEMI-4606 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
Festo Corporation.
4606 FESTO-4606 Datasheet
99Kb / 1P
Binary reduction valve
logo
List of Unclassifed Man...
4606 ETC-4606 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Shenzhen Tuofeng Semico...
4606 TUOFENG-4606 Datasheet
317Kb / 7P
Complementary High Density Trench MOSFET
logo
Keystone Electronics Co...
4606 KEYSTONE-4606 Datasheet
413Kb / 1P
TO-3 POWER TRANSISTOR SOCKET & MOUNTING KITS
31-07 20th
More results

Similar Description - 4606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com