Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4803B Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4803B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

4803B Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  4803B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 4803B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 4803B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 4803B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 4803B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page
v1.0
1
P-Channel Enhancement Mode Power MOSFET
Description
The 4803B uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
VDS = -30V,ID = - 5.0A
RDS(ON) < 50mΩ @ VGS= -10V
●
High power and current handing capability
●
Lead free product is acquired
●
Surface mount package
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOP-8 Plastic-Encapsulate MOSFETS
RDS(ON) < 60mΩ @ VGS= -4.5V
www.sztuofeng.com
4803B
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
48
62.5
74
110
RθJL
35
40
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±25
Gate-Source Voltage
Drain-Source Voltage
-30
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
-18
Pulsed Drain CurrentB
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
1.8
1.2
-55 to 150
TA=70°C
ID
- 5
G1
D1
S1
G2
D2
S2
SOP-8
Equivalent Cir cuit
MARKING
4803B
o
TFCYWP
Y :year code W :week code


Similar Part No. - 4803B

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
4803 ASSUN-4803 Datasheet
462Kb / 1P
GRAPHITE BRUSH
2023-A
4803 ASSUN-4803 Datasheet
446Kb / 1P
GRAPHITE BRUSH
2023-A
4803 ASSUN-4803 Datasheet
417Kb / 1P
GRAPHITE BRUSH
2023
logo
Sealevel Systems, Inc.
4803 SEALEVEL-4803 Datasheet
652Kb / 2P
Ethernet to 8-Port RS-422, RS-485 Serial Server
logo
Keystone Electronics Co...
4803 KEYSTONE-4803 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results

Similar Description - 4803B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com