Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8205B Datasheet(PDF) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # 8205B
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

8205B Datasheet(HTML) 1 Page - Shenzhen Tuofeng Semiconductor Technology Co

  8205B Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co 8205B Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co 8205B Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co 8205B Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co 8205B Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.sztuofeng.com
Feb,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
1
V(BR)DSS
RDS(on)MAX
ID
20V
0.018Ω @ 4.5V
7.5A
0.026Ω @ 2.5V
MARKING
Equivalent Circuit
DFN-3x3-8L Plastic-Encapsulate MOSFETS
FEATURE
TrenchFET Power MOSFET
Excellent RDS(on)
Low Gate Charge
High Power and Current Handing Capability
Surface Mount Package
Dual N-Channel MOSFET
APPLICATION
Battery Protection
Load Switch
Power Management
DFN-3x3-8L
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
A
Pulsed Drain Current (note 1)
IDM
25
Thermal Resistance from Junction to Ambient (note 2)
RθJA
90
℃/W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
℃
V
7.5
Max
Y :year code W :week code
8205B
TFXYWC
4
5
8
1
8205B
8205B
A


Similar Part No. - 8205B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
8205B FUMAN-8205B Datasheet
296Kb / 4P
20V N-Channel Enhancement MOS FET
logo
List of Unclassifed Man...
8205B ETC-8205B Datasheet
532Kb / 7P
Channel enhancement mode power MOSFET
OCT. 2012
8205BS6 ETC-8205BS6 Datasheet
532Kb / 7P
Channel enhancement mode power MOSFET
OCT. 2012
8205BTR ETC-8205BTR Datasheet
532Kb / 7P
Channel enhancement mode power MOSFET
OCT. 2012
More results

Similar Description - 8205B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com